Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286P Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286P
Description  Surface Mount Microwave Schottky Detector Diodes
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286P Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286P Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286P Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Typical Parameters, Single Diode
1
10
100
1
10
POWER IN (dBm)
0.05
0.15
0.20
0.10
0.25
FORWARD VOLTAGE (V)
.01
.1
1
10
100
0.1 0.2 0.3 0.4
0.7
0.6
0.8 0.9
0.5
1.0
FORWARD VOLTAGE (V)
1
10
100
1000
10,000
–40
–30
–10
0
–20
10
5
35
30
40
10
15
20
25
.1
1
10
100
BIAS CURRENT (
µA)
T A = –55°C
T A = +25°C
T A = +85°C
IF (left scale)
VF (right scale)
Frequency = 2.45 GHz
Fixed-tuned FR4 circuit
RL = 100 KΩ
20
µA
5
µA
10
µA
Input Power =
–30 dBm @ 2.45 GHz
Data taken in fixed-tuned
FR4 circuit
R L = 100 KΩ
-50
0.1
POWER IN (dBm)
-30
-2 0
10000
10
1
-40
0
100
-1 0
1000
RL = 100 KΩ
5.8 GHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
915 MHz
2.45 GHz
-50
0.3
POWER IN (dBm)
-30
10
1
-40
30
RL = 100 KΩ
2.45 GHz
915 MHz
5.8 GHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.


Similar Part No. - HSMS-286P

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286P AVAGO-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
logo
Broadcom Corporation.
HSMS-286P BOARDCOM-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286P AVAGO-HSMS-286P Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286P

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com