Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286R Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286R
Description  Surface Mount Microwave Schottky Detector Diodes
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286R Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-286R Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-286R Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Applications Information
Introduction
Avago’s HSMS‑286x family of Schottky detector diodes
has been developed specifically for low cost, high
volume designs in two kinds of applications. In small
signal detector applications (Pin < ‑20 dBm), this diode is
used with DC bias at frequencies above 1.5 GHz. At lower
frequencies, the zero bias HSMS‑285x family should be
considered.
In large signal power or gain control applications
(Pin> ‑20 dBm), this family is used without bias at
frequencies above 4 GHz. At lower frequencies, the
HSMS‑282x family is preferred.
Schottky Barrier Diode Characteristics
Stripped of its package, a Schottky barrier diode chip
consists of a metal‑semiconductor barrier formed by
deposition of a metal layer on a semiconductor. The most
common of several different types, the passivated diode,
is shown in Figure 7, along with its equivalent circuit.
The Height of the Schottky Barrier
The current‑voltage characteristic of a Schottky barrier
diode at room temperature is described by the following
equation:
HSMS-285A/6A fig 9
RS
Rj
Cj
METAL
SCHOTTKY JUNCTION
PASSIVATION
PASSIVATION
N-TYPE OR P-TYPE EPI LAYER
N-TYPE OR P-TYPE SILICON SUBSTRATE
CROSS-SECTION OF SCHOTTKY
BARRIER DIODE CHIP
EQUIVALENT
CIRCUIT
Figure 7. Schottky Diode Chip.
RS is the parasitic series resistance of the diode, the sum
of the bondwire and leadframe resistance, the resistance
of the bulk layer of silicon, etc. RF energy coupled into
RS is lost as heat—it does not contribute to the rectified
output of the diode. CJ is parasitic junction capacitance
of the diode, controlled by the thickness of the epitaxial
layer and the diameter of the Schottky contact. Rj is the
junction resistance of the diode, a function of the total
current flowing through it.
RS
RV
Cj
Figure 8. Equivalent Circuit of a Schottky Diode Chip.
RS is perhaps the easiest to measure accurately. The V‑I
curve is measured for the diode under forward bias, and
the slope of the curve is taken at some relatively high
value of current (such as 5 mA). This slope is converted
into a resistance Rd.
8.33 X 10 -5 n T
R j =
= R V - R s
I S + I b
0.026
=
at 25
°C
I S + I b
V - IR S
I = I S (exp
(
) -1)
0.026
8.33 X 10 -5 n T
R j =
= R V - R s
I S + I b
0.026
=
at 25
°C
I S + I b
V - IR S
I = I S (exp
(
) -1)
0.026
where
n = ideality factor (see table of SPICE parameters)
T = temperature in °K
IS = saturation current (see table of SPICE parameters)
Ib = externally applied bias current in amps
IS is a function of diode barrier height, and can range
from picoamps for high barrier diodes to as much as 5
µA for very low barrier diodes.
On a semi‑log plot (as shown in the Avago catalog) the
current graph will be a straight line with inverse slope
2.3 X 0.026 = 0.060 volts per cycle (until the effect of RS is
seen in a curve that droops at high current). All Schottky
diode curves have the same slope, but not necessar‑
ily the same value of current for a given voltage. This is
determined by the saturation current, IS, and is related to
the barrier height of the diode.
Through the choice of p‑type or n‑type silicon, and the
selection of metal, one can tailor the characteristics of a
Schottky diode. Barrier height will be altered, and at the
same time CJ and RS will be changed. In general, very
low barrier height diodes (with high values of IS, suitable
for zero bias applications) are realized on p‑type silicon.
Such diodes suffer from higher values of RS than do
the n‑type. Thus, p‑type diodes are generally reserved
for small signal detector applications (where very high
values of RV swamp out high RS) and n‑type diodes are
used for mixer applications (where high L.O. drive levels
keep RV low) and DC biased detectors.
Measuring Diode Linear Parameters
The measurement of the many elements which make
up the equivalent circuit for a packaged Schottky diode
is a complex task. Various techniques are used for each
element. The task begins with the elements of the diode
chip itself. (See Figure 8).
R V = R j + R S
0.026
R S = R d -
If
For n‑type diodes with relatively low values of saturation
current, Cj is obtained by measuring the total capaci‑
tance (see AN1124). Rj, the junction resistance, is calcu‑
lated using the equation given above.


Similar Part No. - HSMS-286R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286R AVAGO-HSMS-286R Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
logo
Broadcom Corporation.
HSMS-286R BOARDCOM-HSMS-286R Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286R AVAGO-HSMS-286R Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com