Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2813 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2813
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2813 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2813 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2813 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance, TC = 25°C (unless otherwise noted), Single Diode
Figure 1. Forward Current vs. Forward Voltage at
Temperatures.
0
0.1
0.3
0.2
0.5 0.6
0.4
0.8
0.7
VF – FORWARD VOLTAGE (V)
0.01
10
1
0.1
100
TA = +125C
TA = +75C
TA = +25C
TA = –25C
Figure 2. Reverse Current vs. Reverse Voltage at
Temperatures.
0
5
15
VR – REVERSE VOLTAGE (V)
10
1
1000
100
10
100,000
10,000
TA = +125C
TA = +75C
TA = +25C
Figure 3. Dynamic Resistance vs. Forward
Current.
0.1
1
100
IF – FORWARD CURRENT (mA)
10
1
10
1000
100
Figure 4. Total Capacitance vs. Reverse Voltage.
0
2
6
4
10 12
8
16
14
VR – REVERSE VOLTAGE (V)
0
0.75
0.50
0.25
1.25
1
VF - FORWARD VOLTAGE (V)
Figure 5. Typical Vf Match, Pairs and Quads.
30
10
1
0.3
30
10
1
0.3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF (Left Scale)
VF (Right Scale)


Similar Part No. - HSMS-2813

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2813

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com