Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2510APWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2510APWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2510APWR Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF2510APWR Datasheet HTML 1Page - Texas Instruments CDCVF2510APWR Datasheet HTML 2Page - Texas Instruments CDCVF2510APWR Datasheet HTML 3Page - Texas Instruments CDCVF2510APWR Datasheet HTML 4Page - Texas Instruments CDCVF2510APWR Datasheet HTML 5Page - Texas Instruments CDCVF2510APWR Datasheet HTML 6Page - Texas Instruments CDCVF2510APWR Datasheet HTML 7Page - Texas Instruments CDCVF2510APWR Datasheet HTML 8Page - Texas Instruments CDCVF2510APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
CDCVF2510A
www.ti.com ............................................................................................................................................... SCAS764C – MARCH 2004 – REVISED FEBRUARY 2009
MIN
MAX
UNIT
VCC, AVCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–12
mA
IOL
Low-level output current,
12
mA
fclk
Clock frequency(2)
20
175
MHz
Input clock duty cycle
40%
60%
Stabilization time
1
ms
(1)
Unused inputs must be held high or low to prevent them from floating.
(2)
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for
propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does not
apply for input modulation under SSC application.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, AVCC
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
3 V
-1.2
V
IOH = –100 µA
MIN to MAX
VCC–0.2
VOH
High-level output voltage
IOH = –12 mA
3 V
2.1
V
IOH = –6 mA
3 V
2.4
IOL = 100 µA
MIN to MAX
0.2
VOL
Low-level output voltage
IOL = 12 mA
3 V
0.8
V
IOL = 6 mA
3 V
0.55
VO= 1 V
3 V
–28
IOH
High-level output current
VO = 1.65 V
3.3 V
–36
mA
VO = 3.135 V
3.6 V
-8
VO= 1.95 V
3 V
30
IOL
Low-level output current
VO = 1.65 V
3.3 V
40
mA
VO = 0.4 V
3.6 V
10
II
Input current
VI = VCC or GND
3.6 V
±5
µA
Supply current
VI = VCC or GND, IO = 0,
ICC
(2)
3.6 V, 0 V
40
µA
(static, output not switching)
Outputs: low or high
One input at VCC – 0.6 V,
ΔICC
Change in supply current
Other inputs at VCC or
3.3 V to 3.6 V
500
µA
GND
Ci
Input capacitance
VI = VCC or GND
3.3 V
2.5
pF
Co
Output capacitance
VO = VCC or GND
3.3 V
2.8
pF
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
For dynamic ICC vs Frequency, see Figure 9 and Figure 10.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCVF2510A


Similar Part No. - CDCVF2510APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2510APWR TI1-CDCVF2510APWR Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510APWRG4 TI1-CDCVF2510APWRG4 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
More results

Similar Description - CDCVF2510APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2509A TI-CDCVF2509A Datasheet
164Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI1-CDCVF2510A_15 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI-CDCVF2510A Datasheet
166Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509A TI1-CDCVF2509A_15 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com