Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104YXB300KG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 104YXB300KG
Description  Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104YXB300KG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  104YXB300KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 104YXB300KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 104YXB300KG Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES Metalized Polypropylene multiple case sizes Low ESR and self inductance
APPLICATIONS
EMI/RFI Suppression Line Bypass EMI Filters Across the line Line to
ground
Operating Temperature Range
-40°C to +110°C
Capacitance Tolerance
+10% at 1 kHz, 20°C
+5% optional
IEC60384-14,
GB/T14472
300 VAC
AC voltage
UL,CUL
310 VAC
Dissipation Factor
Tan
δ
at 1 kHz and 20°C
.1% Max
Terminal to Terminal
Terminal to Case
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
15000
MΩ Minimum
30000
MΩ Minimum@100 VDC
500
MΩ Minimum @ 500 VDC
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Terminal to Terminal
Terminal to case
Dielectric Strength
2250 VDC or 1500 VAC applied for 60
Seconds and 20°C or 3000VDC applied
for 3 seconds
Cut off current: 2Aac or 10mAdc
Current limiting resistance: 1
Ω/V
Slew rate: 100V/s
2050VAC applied between the terminals
and case for 60 Seconds and 20°C
1000 hours at 110°C at 170% of rated voltage with once every hour the voltage
is increased to 1000 VAC for 0.1 seconds
Capacitance change
<10% of initially measured value
Dissipation Factor change
<0.15% at 1kHz
Life Expectancy
Insulation resistance change
>50% of initially specified value
Construction
Metallized Polypropylene film
Electrodes
Vacuum deposited Metal layers
Coating
Flame retardant Solvent resistant plastic case with epoxy end fill (UL94V-0)
Lead terminations
Lead free tinned copper leads


Similar Part No. - 104YXB300KG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
104 STMICROELECTRONICS-104 Datasheet
145Kb / 10P
   0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
logo
List of Unclassifed Man...
104 ETC2-104 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
Alpha Wire
104 ALPHAWIRE-104 Datasheet
100Kb / 4P
   Customer Specification
8/25/2022
104 ALPHAWIRE-104 Datasheet
99Kb / 4P
   Customer Specification
11/28/2022
logo
HellermannTyton.
104-1 HELLERMANNTYTON-104-1 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 104YXB300KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com