Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2012-D-900-2P-TL00 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACM2012-D-900-2P-TL00
Description  Common Mode Filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012-D-900-2P-TL00 Datasheet(HTML) 2 Page - TDK Electronics

  ACM2012-D-900-2P-TL00 Datasheet HTML 1Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 2Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 3Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 4Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 5Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 6Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 7Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 8Page - TDK Electronics ACM2012-D-900-2P-TL00 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(2/9)
001-01 / 20130723 / e9712_acm_dh.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 6 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH or
less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - ACM2012-D-900-2P-TL00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012-1000-2P-T03 TDK-ACM2012-1000-2P-T03 Datasheet
149Kb / 7P
   For automobile ultra high-speed differential signal line
ACM2012-121-2P TDK-ACM2012-121-2P Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-121-2P-T001 TDK-ACM2012-121-2P-T001 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
ACM2012-121-2P-T002 TDK-ACM2012-121-2P-T002 Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM2012-201-2P TDK-ACM2012-201-2P Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
More results

Similar Description - ACM2012-D-900-2P-TL00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
   COMMON MODE FILTERS
logo
TDK Electronics
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
   Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
   Common mode filters
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
   Common mode filters
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
   Common mode filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
   SMD Common Mode Filters
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
   Common Mode Filters SMD
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
   Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com