Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2733XMF-NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2733XMF-NOPB
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF-NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2733XMF-NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 9Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 10Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 11Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 12Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 13Page - Texas Instruments LM2733XMF-NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM2733
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Figure 25. Recommended PCB Component Layout
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and C2 extremely short. Parasitic trace inductance in series with D1 and C2
will increase noise and ringing.
2. The feedback components R1, R2 and CF must be kept close to the FB pin of U1 to prevent noise injection
on the FB pin trace.
3. If internal ground planes are available (recommended) use vias to connect directly to ground at pin 2 of U1,
as well as the negative sides of capacitors C1 and C2.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the external resistors R1 and R2 (see Figure 26). A value of approximately 13.3
k
Ω is recommended for R2 to establish a divider current of approximately 92 µA. R1 is calculated using the
formula:
R1 = R2 X (VOUT/1.23 − 1)
(2)
SWITCHING FREQUENCY
The LM2733 is provided with two switching frequencies: the “X” version is typically 1.6 MHz, while the “Y” version
is typically 600 kHz. The best frequency for a specific application must be determined based on the tradeoffs
involved:
Higher switching frequency means the inductors and capacitors can be made smaller and cheaper for a given
output voltage and current. The down side is that efficiency is slightly lower because the fixed switching losses
occur more frequently and become a larger percentage of total power loss. EMI is typically worse at higher
switching frequencies because more EMI energy will be seen in the higher frequency spectrum where most
circuits are more sensitive to such interference.
Figure 26. Basic Application Circuit
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2733


Similar Part No. - LM2733XMF-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733XMF NSC-LM2733XMF Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733XMF NSC-LM2733XMF Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733XMF TI-LM2733XMF Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2733XMF/NOPB TI-LM2733XMF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733XMFX NSC-LM2733XMFX Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results

Similar Description - LM2733XMF-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com