Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH4518-680 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACH4518-680
Description  3-teminal Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH4518-680 Datasheet(HTML) 2 Page - TDK Electronics

  ACH4518-680 Datasheet HTML 1Page - TDK Electronics ACH4518-680 Datasheet HTML 2Page - TDK Electronics ACH4518-680 Datasheet HTML 3Page - TDK Electronics ACH4518-680 Datasheet HTML 4Page - TDK Electronics ACH4518-680 Datasheet HTML 5Page - TDK Electronics ACH4518-680 Datasheet HTML 6Page - TDK Electronics ACH4518-680 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• All specifications are subject to change without notice.
(1/6)
001-03 / 20110928 / e9611_ach
3-terminal Filters
For Power Line
ACH Series ACH32C
FEATURES
• These T-type EMC filters comprise ferrite beads and chip
capacitors and are engineered to handle high current levels.
• The series offers even greater attenuation characteristics when
used in a stable circuit on the ground.
• The ACH series is ideal for high-density circuit design, since the
series is vertically mounted and does not require much mounting
space.
• Because guarantee temperature range is –40 to +125°C, it is
possible to use in strict environmental condition.
• Available for reflow soldering.
APPLICATIONS
Home electronic equipment, (TVs, VCRs, CD players, DAT players,
electric musical instruments, PCs, etc.), office automation equip-
ment (computers, terminals, stand-alone word processors, fax
machines, etc.), factory automation equipment (robots, numerical
control devices, process controllers, etc.), automotive electronics
(car navigation, ECU, etc.)
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
32C: 3216 type(3.2
×1.6mm)
(3) Capacitance
103: 10000pF
(4) Packaging style
T: ø180mm reel taping
(5) TDK internal code
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
3.0
Terminal
electrode
3.2
±0.2
1.7
0.45
GND terminal
No polarity
3
1
2
GND
Dimensions in mm
13
2
Ferrite
Marking
Land pattern
Dimensions in mm
0.6
4.2
1.0
1.0
ACH 32C - 103 - T
(1)
(2)
(3)
(4)
(5)
Operating
–40 to +125°C
Storage(After mount)
–40 to +125°C
Packaging style
Reel
Quantity
Taping
ø180mm
2000 pieces/reel
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACH4518-680

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-680-TD01 TDK-ACH4518-680-TD01 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
More results

Similar Description - ACH4518-680

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608LE220TA0G TDK-MEA1608LE220TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608PE360TA0G TDK-MEA1608PE360TA0G Datasheet
166Kb / 3P
   3-terminal Filters
MEA2010LC150T002 TDK-MEA2010LC150T002 Datasheet
162Kb / 3P
   3-terminal Filters
MEA2010PE220T001 TDK-MEA2010PE220T001 Datasheet
168Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com