Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216X5R0J107M Datasheet(PDF) 4 Page - TDK Electronics

Part # C3216X5R0J107M
Description  2012 MLCC PRODUCT GUIDE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X5R0J107M Datasheet(HTML) 4 Page - TDK Electronics

  C3216X5R0J107M Datasheet HTML 1Page - TDK Electronics C3216X5R0J107M Datasheet HTML 2Page - TDK Electronics C3216X5R0J107M Datasheet HTML 3Page - TDK Electronics C3216X5R0J107M Datasheet HTML 4Page - TDK Electronics C3216X5R0J107M Datasheet HTML 5Page - TDK Electronics C3216X5R0J107M Datasheet HTML 6Page - TDK Electronics C3216X5R0J107M Datasheet HTML 7Page - TDK Electronics C3216X5R0J107M Datasheet HTML 8Page - TDK Electronics C3216X5R0J107M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
TDK C series offers high capacitance MLCC achieved
through precision technologies by enabling the use of
multiple thinner ceramic dielectric layers. TDK advanced
manufacturing process offers MLCC with monolithic structure
and superior mechanical strength as well as a high level of
reliability. Composed of only ceramics and base metals,
these
capacitors
provide
extremely
dependable
performance, exhibiting virtually no degradation even when
subjected to temperature extremes. Low stray capacitance
ensures high conformity with nominal values, thereby
simplifying the circuit design process. Owning to their low
ESR and excellent frequency characteristics, these products
are optimally suited for a variety of application.
L
B
B
W
T
L Body Length
W Body Width
T Body Height
B Terminal Width
Case Code
L
(mm)
W
(mm)
T max
(mm)
C0402/01005
0.40
0.20
0.20
C0603/0201
0.60
0.30
0.30
C1005/0402
1.00
0.50
0.50
C1608/0603
1.60
0.80
0.80
C2012/0805
2.00
1.25
1.25
C3216/1206
3.20
1.60
1.60
C3225/1210
3.20
2.50
2.50
C4532/1810
4.50
3.20
3.20
C5750/2220
5.70
5.00
2.80
TDK’s proprietary internal electrode structure
Wide capacitance range up to 100µF
Available voltage rating of 4V to 50V
Superior mechanical strength and reliability
Low ESR characteristic
Easy mounting due to no polarity
General electronic equipment
Mobile communication equipment
Power supply circuit
Office automation equipment
TV/LED displays
Servers/PCs/Notebooks/Tablets
Test and measurement equipment
Hybrid ICs, etc.
Decoupling
Smoothing
Charge pump
Features:
Applications:
C SERIES | General Application
Part Number Description
©TDK Corporation of America – Contents are subject to change without notice.
3
SERIES NAME & DIMENSION CODE
TEMPERATURE CHARACTERISTICS
RATED VOLTAGE (DC)
NOMINAL CAPACITANCE (pF)
CAPACITANCE TOLERANCE
PACKAGING STYLE
INTERNAL CODES
C3225
X7S
1H
K
T
����
106
TERMINATION
ELECTRODE
DIELECTRIC
Basic Design Construction Multi-layer Capacitor


Similar Part No. - C3216X5R0J107M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R0J107M TDK-C3216X5R0J107M Datasheet
9Mb / 64P
   TDK MLCC PRODUCT LINE
C3216X5R0J107M020AA TDK-C3216X5R0J107M020AA Datasheet
1Mb / 56P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X5R0J107M160AB TDK-C3216X5R0J107M160AB Datasheet
273Kb / 1P
   C SERIES General (Up to 50V)
C3216X5R0J107M160AB TDK-C3216X5R0J107M160AB_16 Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C3216X5R0J107M160AB TDK-C3216X5R0J107M160AB_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X5R0J107M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com