Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48580TLX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48580TLX
Description  LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48580TLX Datasheet(HTML) 3 Page - Texas Instruments

  LM48580TLX Datasheet HTML 1Page - Texas Instruments LM48580TLX Datasheet HTML 2Page - Texas Instruments LM48580TLX Datasheet HTML 3Page - Texas Instruments LM48580TLX Datasheet HTML 4Page - Texas Instruments LM48580TLX Datasheet HTML 5Page - Texas Instruments LM48580TLX Datasheet HTML 6Page - Texas Instruments LM48580TLX Datasheet HTML 7Page - Texas Instruments LM48580TLX Datasheet HTML 8Page - Texas Instruments LM48580TLX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM48580
www.ti.com
SNAS491A – FEBRUARY 2010 – REVISED MAY 2013
Figure 3. YZR0012 Package View (Bumps Up)
PIN DESCRIPTIONS
Bump
Name
Description
A1
OUT+
Amplifier Non-Inverting Output
A2
SGND
Amplifier Ground
A3
IN+
Amplifier Non-Inverting Input
B1
OUT-
Amplifier Inverting Output
Gain Select:
GAIN = float: AV = 18dB
B2
GAIN
GAIN = GND: AV = 24dB
GAIN = VDD: AV = 30dB
B3
IN-
Amplifier Inverting Input
C1
VAMP
Amplifier Supply Voltage. Connect to VBST
Active Low Shutdown. Drive SHDN low to disable device.
C2
SHDN
Connect SHDN to VDD for normal operation.
C3
VDD
Power Supply
D1
VBST
Boost Converter Output
D2
SW
Boost Converter Switching Node
D3
PGND
Boost Converter Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48580


Similar Part No. - LM48580TLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580TLX NSC-LM48580TLX Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX/NOPB TI1-LM48580TLX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
More results

Similar Description - LM48580TLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580 TI1-LM48580_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Efficiency Class H, High Voltage, Haptic Piezo Actuator
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
   110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
   High Voltage Amplifier/Piezo Driver
7/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com