Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPD2838E-NSA Datasheet(PDF) 5 Page - Texas Instruments

Part # CMPD2838E-NSA
Description  LM5020 100V Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CMPD2838E-NSA Datasheet(HTML) 5 Page - Texas Instruments

  CMPD2838E-NSA Datasheet HTML 1Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 2Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 3Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 4Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 5Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 6Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 7Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 8Page - Texas Instruments CMPD2838E-NSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
10k
-225
-180
-135
-90
-45
0
45
90
135
180
225
FREQUENCY (Hz)
-50
-40
-30
-20
-10
0
10
20
30
40
50
100k
1M
10M
7.0
8.2
9.4
10.6
11.8
13.0
TEMPERATURE (
oC)
-40
10
60
110
TEMPERATURE (
oC)
190
195
200
205
210
-40
10
60
110
RT (k:)
1
10
100
1.00E+04
1.00E+05
1.00E+06
0
5
10
15
20
25
1
2
3
4
5
6
7
8
9
ICC (mA)
0
10
20
VIN (V)
0
2
4
6
8
10
12
14
16
18
20
LM5020
www.ti.com
SNVS275F – MAY 2004 – REVISED APRIL 2006
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C.
VCC and VIN
VCC
vs
vs
VIN
ICC (VIN = 48V)
Figure 3.
Figure 4.
Oscillator Frequency
Oscillator Frequency
vs
vs
Temperature
RT
RT = 31.6k
Figure 5.
Figure 6.
Soft Start Current
vs
Temperature
Error Amp. Gain/Phase Plot
Figure 7.
Figure 8.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5020


Similar Part No. - CMPD2838E-NSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CMPD2838E-NSA TI1-CMPD2838E-NSA Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - CMPD2838E-NSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com