Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA252450BT-2027A1 Datasheet(PDF) 2 Page - TDK Electronics

Part # DEA252450BT-2027A1
Description  Multilayer Band Pass Filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA252450BT-2027A1 Datasheet(HTML) 2 Page - TDK Electronics

  DEA252450BT-2027A1 Datasheet HTML 1Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 2Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 3Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 4Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 5Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 6Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 7Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 8Page - TDK Electronics DEA252450BT-2027A1 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
(1/20)
001-03 / 20111205 / e721_multibpf_dea03
• All specifications are subject to change without notice.
Multilayer Chip Band Pass Filters
For Bluetooth & 2.4GHz W-LAN
DEA Series DEA252450BT-2080B2
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERNS
LAND
SOLDER RESIST
ELECTRICAL CHARACTERISTICS
• Ta:+25°C
Conformity to RoHS Directive
Dimensions in mm
4
3
2
1
0.9
±0.1
2.5
±0.2
1IN
2
OUT
3
GND
4
GND
Terminal functions
0.25
±0.15
Top view
Bottom view
2.3
1.1 0.4
0.6
0.3
Dimensions in mm
Line width be designed to match 50
characteristic impedance depending
on PCB material and thickness.
2.0
1.9
0.6
0.3
Land
Solder resist
Dimensions in mm
Item
Minimum value
Typical value
Maximum value
Insertion loss
[2400 to 2500MHz]
(dB)
1.56
2.0
Return loss
[2400 to 2500MHz]
(dB)
10.0
24.4
Attenuation
[824 to 849MHz]
(dB)
52.0
54.8
[869 to 894MHz]
(dB)
52.0
54.8
[894 to 915MHz]
(dB)
52.0
54.1
[925 to 960MHz]
(dB)
52.0
54.1
[1570 to 1580MHz]
(dB)
54.0
58.2
[1710 to 1785MHz]
(dB)
54.0
68.0
[1805 to 1850MHz]
(dB)
54.0
69.2
[1850 to 1910MHz]
(dB)
54.0
68.4
[1930 to 1990MHz]
(dB)
48.0
51.7
[2100MHz]
(dB)
25.0
32.8
[4800 to 5000MHz]
(dB)
40.0
52.1
[7200 to 7500MHz]
(dB)
21.0
32.7
Temperature range
Operating
(°C)
–40
+85
Storage
(°C)
–40
+85
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - DEA252450BT-2027A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252450BT-2027A1 TDK-DEA252450BT-2027A1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
More results

Similar Description - DEA252450BT-2027A1

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1210A1 TDK-DEA162450BT-1210A1 Datasheet
45Kb / 1P
   Multilayer Chip Band Pass Filters
DEA252450BT-2024C2 TDK-DEA252450BT-2024C2_16 Datasheet
50Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1247C1 TDK-DEA162450BT-1247C1 Datasheet
46Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com