Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF7045T-470M Datasheet(PDF) 6 Page - TDK Electronics

Part # CLF7045T-470M
Description  Inductors for Power Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045T-470M Datasheet(HTML) 6 Page - TDK Electronics

Back Button CLF7045T-470M Datasheet HTML 2Page - TDK Electronics CLF7045T-470M Datasheet HTML 3Page - TDK Electronics CLF7045T-470M Datasheet HTML 4Page - TDK Electronics CLF7045T-470M Datasheet HTML 5Page - TDK Electronics CLF7045T-470M Datasheet HTML 6Page - TDK Electronics CLF7045T-470M Datasheet HTML 7Page - TDK Electronics CLF7045T-470M Datasheet HTML 8Page - TDK Electronics CLF7045T-470M Datasheet HTML 9Page - TDK Electronics CLF7045T-470M Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
(6/13)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_clf_en.fm
• All specifications are subject to change without notice.
CLF series 
CLF7045 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 30°C)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(m )
Rated current
Part No.
(A)
(μH)
tolerance
Idc1
Idc2
1.0
±30%
100
9.6m±30%
8.9
5.2
CLF7045T-1R0N
1.5
±30%
100
11.0m±30%
7.3
4.9
CLF7045T-1R5N
2.2
±30%
100
14.6m±30%
5.5
4.3
CLF7045T-2R2N
3.3
±30%
100
16.4m±30%
5.0
4.1
CLF7045T-3R3N
4.7
±30%
100
20m±30%
4.1
3.6
CLF7045T-4R7N
6.8
±30%
100
27m±30%
3.3
3.0
CLF7045T-6R8N
10
±20%
100
38m±20%
2.7
2.5
CLF7045T-100M
15
±20%
100
51m±20%
2.3
2.1
CLF7045T-150M
22
±20%
100
69m±20%
1.9
1.8
CLF7045T-220M
33
±20%
100
0.11±20%
1.55
1.40
CLF7045T-330M
47
±20%
100
0.15±20%
1.30
1.20
CLF7045T-470M
68
±20%
100
0.21±20%
1.10
0.95
CLF7045T-680M
100
±20%
100
0.33±20%
0.90
0.75
CLF7045T-101M
150
±20%
100
0.48±20%
0.67
0.61
CLF7045T-151M
220
±20%
100
0.66±20%
0.62
0.52
CLF7045T-221M
330
±20%
100
1.03±20%
0.49
0.42
CLF7045T-331M
470
±20%
100
1.42±20%
0.43
0.37
CLF7045T-471M
Measurement item
Product No.
Manufacturer
L
4285A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - CLF7045T-470M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF7045T-470M TDK-CLF7045T-470M Datasheet
166Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF7045T-470M-D TDK-CLF7045T-470M-D Datasheet
165Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - CLF7045T-470M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com