Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA252450BT-2109C3 Datasheet(PDF) 7 Page - TDK Electronics

Part # DEA252450BT-2109C3
Description  Multilayer Band Pass Filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA252450BT-2109C3 Datasheet(HTML) 7 Page - TDK Electronics

Back Button DEA252450BT-2109C3 Datasheet HTML 3Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 4Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 5Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 6Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 7Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 8Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 9Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 10Page - TDK Electronics DEA252450BT-2109C3 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
(6/20)
001-03 / 20111205 / e721_multibpf_dea03
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
INSERTION LOSS
RETURN LOSS
ATTENUATION
VSWR
Frequency(MHz)
5.0
4.0
4.5
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0
1: 2400MHz
1.74dB
2: 2500MHz
1.56dB
2000
2200
2400
2600
2800
3000
1
2
–20
–10
–40
–30
–50
40
50
20
30
10
0
Frequency(MHz)
2000
2200
2400
2600
2800
3000
1: 2400MHz
34.1dB
2: 2500MHz
17.5dB
1
2
500
1500
5500
3500
4500
2500
Frequency(MHz)
80
40
50
60
70
20
30
10
0
1: 880.0MHz
54.6dB
2: 915.0MHz
54.4dB
3: 1710.0MHz
65.4dB
4: 1990.0MHz
64.2dB
5: 2110.0MHz
34.7dB
6: 2170.0MHz
23.3dB
7: 3000.0MHz
26.0dB
8: 4800.0MHz
47.2dB
12
3 4
8
5
6
7
1: 2400MHz
1.04dB
2: 2500MHz
1.31dB
–0.2
0.4
0.2
0.6
0.8
1
1
–0.4
–0.6
–0.8
–1
jV
U
–1
0


Similar Part No. - DEA252450BT-2109C3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
More results

Similar Description - DEA252450BT-2109C3

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1210A1 TDK-DEA162450BT-1210A1 Datasheet
45Kb / 1P
   Multilayer Chip Band Pass Filters
DEA252450BT-2024C2 TDK-DEA252450BT-2024C2_16 Datasheet
50Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1247C1 TDK-DEA162450BT-1247C1 Datasheet
46Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com