Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL0808S-100MR67-PF Datasheet(PDF) 2 Page - TDK Electronics

Part # TSL0808S-100MR67-PF
Description  For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TSL0808S-100MR67-PF Datasheet(HTML) 2 Page - TDK Electronics

  TSL0808S-100MR67-PF Datasheet HTML 1Page - TDK Electronics TSL0808S-100MR67-PF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
002-05 / 20050831 / e532_tsl0808.fm
Inductors
TSL Series TSL0808 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
1 Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
2
: Please specify packaging style, S(Bulk) or RA(Taping).
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
)max.
Rated current (A)1max.
Part No.
Based on inductance
change
Based on
temperature rise
2.2
±20%
10
1k/7.96M
45
0.015
5.6
3.9
TSL0808 2-2R2M3R9-PF
3.3
±20%
10
1k/7.96M
34
0.017
4.5
3.8
TSL0808 -3R3M3R8-PF
4.7
±20%
10
1k/7.96M
27
0.021
3.8
3.5
TSL0808 -4R7M3R5-PF
6.8
±20%
10
1k/7.96M
22
0.025
3.2
3.1
TSL0808 -6R8M3R1-PF
10
±10%
20
1k/2.52M
17
0.031
2.6
2.7
TSL0808 -100K2R6-PF
15
±10%
20
1k/2.52M
13
0.042
2.1
2.4
TSL0808 -150K2R1-PF
22
±10%
20
1k/2.52M
10
0.07
1.7
1.9
TSL0808 -220K1R7-PF
33
±10%
20
1k/2.52M
8
0.092
1.4
1.5
TSL0808 -330K1R4-PF
47
±10%
20
1k/2.52M
6.5
0.13
1.2
1.3
TSL0808 -470K1R2-PF
68
±10%
20
1k/2.52M
5.4
0.16
1
1.1
TSL0808 -680K1R0-PF
100
±10%
20
1k/796k
4.4
0.25
0.8
0.94
TSL0808 -101KR80-PF
150
±10%
20
1k/796k
3.6
0.4
0.67
0.73
TSL0808 -151KR67-PF
220
±10%
15
1k/796k
2.9
0.53
0.54
0.64
TSL0808 -221KR54-PF
330
±10%
15
1k/796k
2.4
0.78
0.45
0.52
TSL0808 -331KR45-PF
470
±10%
15
1k/796k
2
1
0.38
0.46
TSL0808 -471KR38-PF
680
±10%
15
1k/796k
1.6
1.5
0.32
0.37
TSL0808 -681KR32-PF
1000
±10%
30
1k/252k
1.3
2.2
0.26
0.3
TSL0808 -102KR26-PF
1500
±10%
30
1k/252k
1.1
3.5
0.21
0.25
TSL0808 -152KR21-PF
2200
±10%
50
1k/252k
0.88
6.4
0.17
0.21
TSL0808 -222KR17-PF
3300
±10%
50
1k/252k
0.71
8.5
0.14
0.16
TSL0808 -212KR14-PF
4700
±5%
50
1k/252k
0.68
12.2
0.15
0.13
TSL0808 -472JR13-PF
5+0.8, –0.5
ø0.62±0.05
Weight: 1.5g
Dimensions in mm
DC current(A)
0.01
0.1
0.3
0.03
3
110
10
3
1
100
1000
300
30
A
L=0.1H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
68
µH
47
µH
15
µH
10
µH
33
µH
22
µH
DC current(A)
0.01
0.1
0.3
0.03
3
110
100
30
10
1000
10000
3000
300
1000
µH
A
L=0.1H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
330
µH
220
µH
100
µH
680
µH
470
µH
150
µH


Similar Part No. - TSL0808S-100MR67-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL0808S ETC-TSL0808S Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

Similar Description - TSL0808S-100MR67-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
logo
Central Technologies
CTH8RF CT-CTH8RF Datasheet
176Kb / 1P
   Power Line Chokes - Radial
CTH7RF CT-CTH7RF Datasheet
176Kb / 1P
   Power Line Chokes - Radial
logo
RENCO ELECTRONICS, INC.
RL-1256 RENCO-RL-1256 Datasheet
1Mb / 13P
   RADIAL LEADED POWER LINE CHOKES
logo
TDK Electronics
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
logo
Allied Components Inter...
RLF20 ALLIED-RLF20 Datasheet
1Mb / 1P
   RADIAL LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com