Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ8.5 Datasheet(PDF) 3 Page - Formosa MS

Part # SMBJ8.5
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ8.5 Datasheet(HTML) 3 Page - Formosa MS

  SMBJ8.5 Datasheet HTML 1Page - Formosa MS SMBJ8.5 Datasheet HTML 2Page - Formosa MS SMBJ8.5 Datasheet HTML 3Page - Formosa MS SMBJ8.5 Datasheet HTML 4Page - Formosa MS SMBJ8.5 Datasheet HTML 5Page - Formosa MS SMBJ8.5 Datasheet HTML 6Page - Formosa MS SMBJ8.5 Datasheet HTML 7Page - Formosa MS SMBJ8.5 Datasheet HTML 8Page - Formosa MS SMBJ8.5 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image





 !8"#$%&''(&)*+'&$&,-

]^_`^abde
fghjklmno
pmqrst
q
lupfvwwkpnnsk
xyz{x}~

Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ5.0
SMBJ5.0C
KD
AD
5.0
6.40
7.55
10
9.6
62.5
800.0
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.25
10
9.2
65.2
800.0
SMBJ6.0
SMBJ6.0C
KF
AF
6.0
6.67
8.45
10
11.4
52.6
800.0
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.67
10
10.3
58.3
800.0
SMBJ6.5
SMBJ6.5C
KH
AH
6.5
7.22
9.14
10
12.3
48.8
500.0
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
8.30
10
11.2
53.6
500.0
SMBJ7.0
SMBJ7.0C
KL
AL
7.0
7.78
9.86
10
13.3
45.1
200.0
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.95
10
12.0
50.0
200.0
SMBJ7.5
SMBJ7.5C
KN
AN
7.5
8.33
10.67
1.0
14.3
42.0
100.0
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.58
1.0
12.9
46.5
100.0
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.0
8.89
11.3
1.0
15.0
40.0
50.0
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
10.23
1.0
13.6
44.1
50.0
SMBJ8.5
SMBJ8.5C
KS
AS
8.5
9.44
11.92
1.0
15.9
37.7
20.0
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.82
1.0
14.4
41.7
20.0
SMBJ9.0
SMBJ9.0C
KU
AU
9.0
10.0
12.6
1.0
16.9
35.5
10.0
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.5
1.0
15.4
39.0
10.0
SMBJ10
SMBJ10C
KW
AW
10
11.1
14.1
1.0
18.8
31.9
5.0
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.8
1.0
17.0
35.3
5.0
SMBJ11
SMBJ11C
KY
AY
11
12.2
15.4
1.0
20.1
29.9
5.0
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
14.0
1.0
18.2
33.0
5.0
SMBJ12
SMBJ12C
LD
BD
12
13.3
16.9
1.0
22.0
27.3
5.0
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
15.3
1.0
19.9
30.2
5.0
SMBJ13
SMBJ13C
LF
BF
13
14.4
18.2
1.0
23.8
25.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
16.5
1.0
21.5
27.9
5.0
SMBJ14
SMBJ14C
LH
BH
14
15.6
19.8
1.0
25.8
23.3
5.0
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.9
1.0
23.2
25.9
5.0
SMBJ15
SMBJ15C
LL
BL
15
16.7
21.1
1.0
26.9
22.3
5.0
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
19.2
1.0
24.4
24.6
5.0
SMBJ16
SMBJ16C
LN
BN
16
17.8
22.6
1.0
28.8
20.8
5.0
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
20.5
1.0
26.0
23.1
5.0
SMBJ17
SMBJ17C
LQ
BQ
17
18.9
23.9
1.0
30.5
19.7
5.0
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
21.7
1.0
27.6
21.7
5.0
SMBJ18
SMBJ18C
LS
BS
18
20.0
25.3
1.0
32.2
18.6
5.0
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
23.3
1.0
29.2
20.5
5.0
SMBJ20
SMBJ20C
LU
BU
20
22.2
28.1
1.0
35.8
16.8
5.0
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
25.5
1.0
32.4
18.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ8.5

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ8.5 JGD-SMBJ8.5 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ8.5 MICROSEMI-SMBJ8.5 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ8.5 SOCAY-SMBJ8.5 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
SMBJ8.5 BILIN-SMBJ8.5 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ8.5 LUGUANG-SMBJ8.5 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ8.5

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com