Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49721 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LME49721
Description  LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LME49721 Datasheet HTML 3Page - Texas Instruments LME49721 Datasheet HTML 4Page - Texas Instruments LME49721 Datasheet HTML 5Page - Texas Instruments LME49721 Datasheet HTML 6Page - Texas Instruments LME49721 Datasheet HTML 7Page - Texas Instruments LME49721 Datasheet HTML 8Page - Texas Instruments LME49721 Datasheet HTML 9Page - Texas Instruments LME49721 Datasheet HTML 10Page - Texas Instruments LME49721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
3
OUTPUT VOLTAGE (V)
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
3
OUTPUT VOLTAGE (V)
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
OUTPUT VOLTAGE (V)
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
3
OUTPUT VOLTAGE (V)
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
OUTPUT VOLTAGE (V)
0.00001
0.1
0.0001
0.001
0.01
100m
2
200m
1
OUTPUT VOLTAGE (V)
LME49721
www.ti.com
SNAS371C – SEPTEMBER 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Graphs were taken in dual supply configuration.
THD+N vs Output Voltage
THD+N vs Output Voltage
VS = ±2.5V
VS = ±2.5V
RL = 2kΩ, AV = 2
RL = 10kΩ, AV = 2
Figure 21.
Figure 22.
THD+N vs Output Voltage
THD+N vs Output Voltage
VS = ±2.5V
VS = ±2.75V
RL = 600Ω, AV = 2
RL = 2kΩ, AV = 2
Figure 23.
Figure 24.
THD+N vs Output Voltage
THD+N vs Output Voltage
VS = ±2.75V
VS = ±2.75V
RL = 10kΩ, AV = 2
RL = 600Ω, AV = 2
Figure 25.
Figure 26.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LME49721


Similar Part No. - LME49721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49721 NSC-LME49721 Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721 TI1-LME49721 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49721MA NSC-LME49721MA Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721MA/NOPB TI1-LME49721MA/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
LME49721MAX/NOPB TI1-LME49721MAX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
More results

Similar Description - LME49721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49721 NSC-LME49721 Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721 TI1-LME49721 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
LME49721 TI1-LME49721_14 Datasheet
578Kb / 28P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
New Japan Radio
MUSES8832 NJRC-MUSES8832 Datasheet
441Kb / 11P
   Rail-to-Rail Output, High Quality Audio, Dual Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49726 TI1-LME49726 Datasheet
1Mb / 26P
[Old version datasheet]   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com