Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-7 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 2-111196-7
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-7 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 2-111196-7 Datasheet HTML 9Page - Tyco Electronics 2-111196-7 Datasheet HTML 10Page - Tyco Electronics 2-111196-7 Datasheet HTML 11Page - Tyco Electronics 2-111196-7 Datasheet HTML 12Page - Tyco Electronics 2-111196-7 Datasheet HTML 13Page - Tyco Electronics 2-111196-7 Datasheet HTML 14Page - Tyco Electronics 2-111196-7 Datasheet HTML 15Page - Tyco Electronics 2-111196-7 Datasheet HTML 16Page - Tyco Electronics 2-111196-7 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
13
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ultra ATA Bus Connectors, .025 [0.64] Centerline Ribbon Cable
Ribbon Cable Interconnect Solutions
Product Facts
I
IDC termination
I
Backward compatible with
current IDE Interfaces
I
Improved signal integrity:
1 to 1 signal to ground ratio
I
Improved crosstalk when
compared to existing IDE
Cable Assembly
I
Color coded connectors
for “System board,” and
“Master HDD” and
“Slave HDD”
I
Cable impedance 80 ohms
I
Up to 3 connectors per cable
assembly
I
15 microinches gold plating
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
I
Terminates 30 AWG solid or
stranded PVC insulated 80
conductor ribbon cable
R
R
Ultra ATA is the next genera-
tion IDE (Integrated Drive
Electronics) bus. The current
IDE bus has a maximum
data transfer rate of about
16.5 MB/second. As the bus
speeds and disk drive per-
formances increase, the
cable assembly between
the motherboard and hard
drive becomes a limiting
factor in data transfer from
the drive.
The Ultra ATA connector
and cable assembly from
TE provide the customer
with improved electrical
performance by creating a
1:1 signal-to-ground ratio.
The connector design incor-
porates an IDC bus bar to
common the 40 additional
ground signals. The cable is
.025" centerline PVC ribbon
cable. The connector is fully
backward compatible with
existing 40-position headers
with pin 20 removed on
motherboards and disk
drives.
The new connectors are
color coded to identify:
1. system board connector
2. primary or master hard
drive connector
3. slave drive connector
Standard Issues
The Ultra ATA cable per-
formance specification is
part of the Small Form
Factor Committee No. 8049.
Compaq Computer and
Western Digital are the
major sponsors of the
standard.
Contacts Available:
I
80 position IDC contact
terminations
I
40 signal contacts
I
40 ground terminations to
special IDC bus bar


Similar Part No. - 2-111196-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-7 MACOM-2-111196-7 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-7 MACOM-2-111196-7 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-7 MACOM-2-111196-7 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com