Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-8 Datasheet(PDF) 68 Page - Tyco Electronics

Part # 2-111196-8
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-8 Datasheet(HTML) 68 Page - Tyco Electronics

Back Button 2-111196-8 Datasheet HTML 64Page - Tyco Electronics 2-111196-8 Datasheet HTML 65Page - Tyco Electronics 2-111196-8 Datasheet HTML 66Page - Tyco Electronics 2-111196-8 Datasheet HTML 67Page - Tyco Electronics 2-111196-8 Datasheet HTML 68Page - Tyco Electronics 2-111196-8 Datasheet HTML 69Page - Tyco Electronics 2-111196-8 Datasheet HTML 70Page - Tyco Electronics 2-111196-8 Datasheet HTML 71Page - Tyco Electronics 2-111196-8 Datasheet HTML 72Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
68
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Accessories (Continued)
.106
[2.69]
Ref.
.581
[14.76]
Ref.
.240
[6.10]
.186
[4.72]
A
B
No. of
Dimensions
Part
Pos.
AB
Number
.534
.690
10
13.56
17.53
499252-5
.734
.890
14
18.64
22.61
499252-9
.834
.990
16
21.18
25.15
499252-8
1.034
1.190
20
26.26
30.23
499252-2
1.234
1.390
24
31.34
35.31
1-499252-0
1.334
1.490
26
33.88
37.85
499252-3
1.534
1.690
30
38.96
42.93
1-499252-2
1.734
1.890
34
44.04
48.01
499252-6
2.034
2.190
40
51.66
55.63
499252-1*
2.234
2.390
44
56.74
60.71
1-499252-1
2.534
2.690
50
64.36
68.33
499252-4
3.034
3.190
60
77.06
81.03
499252-7
3.234
3.390
64
82.14
86.11
1-499252-3
*Ultra ATA Strain Relief is 499252-1 only.
Strain Relief for Novo and
Ultra ATA Bus Connectors
Material and Finish
Glass-filled polyester, black
Related Product Data
Novo Connectors — pages 48-51
Ultra ATA Bus Connectors —
pages 13-15
No. of
Dimensions
Part
Pos.
AB
Number
.440
.314
8
11.18
7.98
1-111614-6
.518
.392
10
13.16
9.96
111614-1
.596
.470
12
15.14
11.94
1-111614-7
.676
.550
14
17.17
13.97
111614-2
.755
.629
16
19.18
15.98
111614-3
.912
.786
20
23.16
19.96
111614-4
.991
.865
22
25.17
21.97
1-111614-5
1.070
.944
24
27.18
23.98
111614-5
1.148
1.022
26
29.16
25.96
111614-6
1.306
1.180
30
33.17
29.97
111614-7
1.463
1.337
34
37.16
33.96
111614-8
1.700
1.574
40
43.18
39.98
111614-9
1.857
1.731
44
47.17
43.97
1-111614-0
2.093
1.967
50
53.16
49.96
1-111614-1
Strain Relief for 2 mm
Receptacle Connectors
Material and Finish
Glass-filled polyester, black
Related Product Data
2 mm Receptacle Connectors —
pages 16 and 17
B
Typ.
.030
[0.76]
Typ.
.020
[0.51]
Typ.
.015
[0.38]
Rad. Typ.
.130
[3.30]
A
.132
[3.35]
Typ.
.201
[5.11]
Typ.
Typ.
Typ.
.161
[4.09]
.139
[3.53]
Typ.
.082
[2.08]
Typ.
.040
[1.02]
.276
[7.01]
Typ.
Typ.
.056
[1.42]
Note: All part numbers are RoHS compliant.


Similar Part No. - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-8 MACOM-2-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com