Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-111196-0 Datasheet(PDF) 71 Page - Tyco Electronics

Part # 3-111196-0
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-0 Datasheet(HTML) 71 Page - Tyco Electronics

Back Button 3-111196-0 Datasheet HTML 67Page - Tyco Electronics 3-111196-0 Datasheet HTML 68Page - Tyco Electronics 3-111196-0 Datasheet HTML 69Page - Tyco Electronics 3-111196-0 Datasheet HTML 70Page - Tyco Electronics 3-111196-0 Datasheet HTML 71Page - Tyco Electronics 3-111196-0 Datasheet HTML 72Page - Tyco Electronics 3-111196-0 Datasheet HTML 73Page - Tyco Electronics 3-111196-0 Datasheet HTML 74Page - Tyco Electronics 3-111196-0 Datasheet HTML 75Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
71
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Comparison of R-CAM 2A, R-CAM 3A and R-CAM 4
Machine Model
Part Number*
Cable Size
Cable Assembly
Configurations
(Refer to page 73)
Production Rates
(Refer to page 72)
Size
Programmable
Testing
Changeover
R-CAM 2A
760700-K
28 AWG [0.08 mm2],
.050 [1.27] centerline
Maximum cable length of 48 [1 220]
Produces one- to four-connector assem-
blies with unterminated tail lengths up to
12 [305]
Trailing connectors can be oriented up or
down
Depending on cable lengths, can apply
and test up to 1 670 connectors per hour
108 [2 745] W x 54 [1 370] D x
60 [1 525] H; 750 lb [340 kg]
Operated and programmed by a
touchscreen
Parameters for up to 130 cable assem-
blies can be retained in memory
Another menu displays production totals
or a log of the machine events
Automatically stops after each or three
consecutive assemblies are rejected, as
programmed by the operator
Requires an average of 25 minutes,
depending on assembly size
R-CAM 3A
761900-K
28 AWG [0.08 mm2],
.050 [1.27] centerline
Maximum cable length of 105 [2 665]
Produces one- or two-connector assem-
blies with unterminated tail lengths up to
24 [610]
Trailing connectors can be oriented up or
down
Depending on cable lengths, can apply
and test up to 2 000 connectors per hour
48 [1 220] W x 48 [1 220] D x
62 [1 575] H; 630 lb [286 kg]
Operated and programmed by a
touchscreen
Parameters for up to 150 cable assem-
blies can be retained in memory
Another menu displays production totals
or a log of the machine events
Automatically stops when either a con-
secutive number of assemblies or a
percentage of the batch run are rejected,
as programmed by the operator
Requires an average of 15 minutes,
depending on assembly size
R-CAM 4
318800-K
28 AWG [0.08 mm2],
.050 [1.27] centerline and
30 AWG [0.05 mm2],
.025 [0.64] centerline
Maximum cable length of 100 [2 540]
Produces one- to 10-connector assem-
blies with unterminated tail lengths up to
24 [610]
Trailing connectors can be oriented up or
down
Automatically processes and tests
assemblies produced with pre-
manufactured slit-and-twist cable
Depending on cable lengths, can apply
and test up to 1 050 connectors per hour
68 [1 730] W x 58 [1 475] D x
72 [1 830] H; 1 300 lb [590 kg]
Operated and programmed by a
touchscreen or a keyboard
Parameters for up to 1 000 cable assem-
blies can be retained in memory
Automatically stops each time a
malfunction is detected
Requires an average of 20 minutes to
1 hour, depending on assembly size
and type
*Note: Machine may require accessories. Before ordering, contact TE at the numbers listed below.


Similar Part No. - 3-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-0 MACOM-3-111196-0 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-0 MACOM-3-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-0 MACOM-3-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com