Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-0 Datasheet(PDF) 97 Page - Tyco Electronics

Part # 2-111196-0
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-0 Datasheet(HTML) 97 Page - Tyco Electronics

Back Button 2-111196-0 Datasheet HTML 92Page - Tyco Electronics 2-111196-0 Datasheet HTML 93Page - Tyco Electronics 2-111196-0 Datasheet HTML 94Page - Tyco Electronics 2-111196-0 Datasheet HTML 95Page - Tyco Electronics 2-111196-0 Datasheet HTML 96Page - Tyco Electronics 2-111196-0 Datasheet HTML 97Page - Tyco Electronics 2-111196-0 Datasheet HTML 98Page - Tyco Electronics 2-111196-0 Datasheet HTML 99Page - Tyco Electronics 2-111196-0 Datasheet HTML 100Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
97
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Cable Solutions
.100 [2.54] Centerline,
IDC Ribbon Cable,
PVC Insulation
Product Specifications
Voltage Rating — 300 Volts
UL Recognized — AWM Style 2651
CSA — Available on request
No. of
Dimensions
Part
Conductors
AB
C
Number
24 AWG 7/32 Tinned Copper
2
.100 [2.54]
.200 [5.08]
.044 [1.12]
57746-2
5
.400 [10.16]
.500 [12.70]
.044 [1.12]
57746-5
10
.900 [22.86]
1.000 [25.40]
.044 [1.12]
1-57746-0
15
1.400 [35.56]
1.500 [38.10]
.044 [1.12]
1-57746-5
20
1.900 [48.26]
2.000 [50.80]
.044 [1.12]
2-57746-0
25
2.400 [60.96]
2.500 [63.50]
.044 [1.12]
2-57746-5
28
2.700 [68.58]
2.800 [71.12]
.044 [1.12]
2-57746-8
26 AWG 7/34 Tinned Copper
2
.100 [2.54]
.200 [5.08]
.039 [0.99]
57744-2
5
.400 [10.16]
.500 [12.70]
.039 [0.99]
57744-5
10
.900 [22.86]
1.000 [25.40]
.039 [0.99]
1-57744-0
15
1.400 [35.56]
1.500 [38.10]
.039 [0.99]
1-57744-5
20
1.900 [48.26]
2.000 [50.80]
.039 [0.99]
2-57744-0
25
2.400 [60.96]
2.500 [63.50]
.039 [0.99]
2-57744-5
28
2.700 [68.58]
2.800 [71.12]
.039 [0.99]
2-57744-8
26 AWG 7/34 Overcoated Tinned Copper
2
.100 [2.54]
.200 [5.08]
.039 [0.99]
57745-2
5
.400 [10.16]
.500 [12.70]
.039 [0.99]
57745-5
10
.900 [22.86]
1.000 [25.40]
.039 [0.99]
1-57745-0
15
1.400 [35.56]
1.500 [38.10]
.039 [0.99]
1-57745-5
20
1.900 [48.26]
2.000 [50.80]
.039 [0.99]
2-57745-0
25
2.400 [60.96]
2.500 [63.50]
.039 [0.99]
2-57745-5
28
2.700 [68.58]
2.800 [71.12]
.039 [0.99]
2-57745-8
Other Conductor Counts Available on Request.
Contact MADISON CABLE (1-877-MADISON), a Division of TE, for engineer-
ing questions or for order placement of this cable.
No. of
Dimensions
Part
Conductors
AB
C
Number
24 AWG 7/32 Overcoated Tinned Copper
2
.100 [2.54]
.200 [5.08]
.044 [1.12]
57747-2
5
.400 [10.16]
.500 [12.70]
.044 [1.12]
57747-5
10
.900 [22.86]
1.000 [25.40]
.044 [1.12]
1-57747-0
15
1.400 [35.56]
1.500 [38.10]
.044 [1.12]
1-57747-5
20
1.900 [48.26]
2.000 [50.80]
.044 [1.12]
2-57747-0
25
2.400 [60.96]
2.500 [63.50]
.044 [1.12]
2-57747-5
28
2.700 [68.58]
2.800 [71.12]
.044 [1.12]
2-57747-8
22 AWG 7/30 Tinned Copper
2
.100 [2.54]
.200 [5.08]
.051 [1.30]
57748-2
5
.400 [10.16]
.500 [12.70]
.051 [1.30]
57748-5
10
.900 [22.86]
1.000 [25.40]
.051 [1.30]
1-57748-0
15
1.400 [35.56]
1.500 [38.10]
.051 [1.30]
1-57748-5
20
1.900 [48.26]
2.000 [50.80]
.051 [1.30]
2-57748-0
25
2.400 [60.96]
2.500 [63.50]
.051 [1.30]
2-57748-5
28
2.700 [68.58]
2.800 [71.12]
.051 [1.30]
2-57748-8
Edge Mark
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation Thickness
Temperature Rating — –20°C to +105°C
Flammability — UL: VW1
Typ.
B
C
A
.050
[1.27]
.100
[2.54]
Typ.
.010
[0.25]


Similar Part No. - 2-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-0 MACOM-2-111196-0 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-0 MACOM-2-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-0 MACOM-2-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com