Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-111196-1 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 3-111196-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-1 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 3-111196-1 Datasheet HTML 13Page - Tyco Electronics 3-111196-1 Datasheet HTML 14Page - Tyco Electronics 3-111196-1 Datasheet HTML 15Page - Tyco Electronics 3-111196-1 Datasheet HTML 16Page - Tyco Electronics 3-111196-1 Datasheet HTML 17Page - Tyco Electronics 3-111196-1 Datasheet HTML 18Page - Tyco Electronics 3-111196-1 Datasheet HTML 19Page - Tyco Electronics 3-111196-1 Datasheet HTML 20Page - Tyco Electronics 3-111196-1 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
17
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
METRIC
Dimensions are
millimeters over inches
2.0 mm [.079] Receptacle Connectors,
Non-Polarized and Center Polarized Bar
Material and Finish
Housing and Termination Cover —
UL 94V-0 rated polyester, black
Contacts — Beryllium copper, duplex
plated 0.00076 [.000030] min. gold on
mating end, 0.00013 [.000005] min.
gold on termination end, all underplated
0.00127 [.000050] min. nickel
Note: Accepts 0.08-0.09mm2 [28 AWG]
ribbon cable, PVC insulated 1.00 [.039]
pitch. See Application Specification for
details.
Technical Documents
Product Specification
108-1372
Application Specification
114-40038
Mateable Connectors — pages 9
and 12, or see Application Specification
for header requirements
Accessories
Pull Loops — page 66
Keying Plugs — page 64
Strain Relief — page 68
8.48
[.334]
5.16
[.203]
A
2.00
[.079]
Typ.
2.00
[.079]
Typ.
1.90 ± 0.05
[.075 ± .002]
10.24
[.403]
4.000
[.1575]
B
Position Number
1 Indicator
Position Number 1
Terminated View, Typical
Optional Center Polarizer Bar
1.54
[.061]
5.00
[.197]
No. of
Dimensions
Center
Non-Polarized
Positions
AB
Polarized
8
13.18
8.41
3-111623-0
2-111626-4
.519
.331
10
15.16
10.41
1-111623-8
1-111626-7
.597
.410
12
17.15
12.40
3-111623-1
.675
.488
14
19.18
14.40
1-111623-9
1-111626-8
.755
.567
16
21.18
16.41
2-111623-0
2-111626-5
.834
.646
20
25.17
20.40
2-111623-1
1-111626-9
.991
803
22
27.18
22.40
2-111623-9
1.070
.882
24
29.18
24.41
2-111623-7
2-111626-6
1.149
.961
26
31.17
26.42
2-111623-2
2-111626-7
1.227
1.040
30
35.18
30.40
2-111623-3
1.385
1.197
34
39.17
34.42
2-111623-8
2-111626-0
1.542
1.355
40
45.19
40.41
2-111623-4
2-111626-1
1.779
1.591
44
49.17
44.40
2-111623-5
2-111626-2
1.936
1.748
50
55.17
50.39
2-111623-6
2-111626-3
2.172
1.984
Note: All part numbers are RoHS compliant.


Similar Part No. - 3-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-1 MACOM-3-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com