Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP-EXP430G2 Datasheet(PDF) 61 Page - Texas Instruments

Part # MSP-EXP430G2
Description  Starter Kit Evaluation Kit Manual
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP-EXP430G2 Datasheet(HTML) 61 Page - Texas Instruments

Back Button MSP-EXP430G2 Datasheet HTML 57Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 58Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 59Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 60Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 61Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 62Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 63Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 64Page - Texas Instruments MSP-EXP430G2 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
3–5
3.5
Writing Data Into the EPROM
When data is written into the EPROM address range, software code is written into RAM locations 214h to
23Dh. All addresses 1000h or higher are assumed to be EPROM. After the write operation is completed,
the code in the RAM is no longer needed. The code is written into RAM when a write into the EPROM address
range is performed. Ensure that the data in these locations are not needed when the EPROM write code
is temporarily loaded into those locations.
A write into EPROM can be done when an application program is executed, or when the monitor is active.
For example, when the mx[n] command is executed:
Available RAM for
User Application
RAM Area Always Reserved
for ROM Monitor
214h
212h
200h
RAM Area Always Reserved
for ROM Monitor
212h
214h
200h
Temporary
Burn Routine
23Dh
23Eh
Available RAM for
User Application
No write to EPROM active
Figure 3–4. Temporary Burn Routine in the MSP430x32x RAM Area
User application data for the MSP430X33x family should be located within the RAM area (from 200h to
5FFh). The locations used statically (200h to 214h), and dynamically (stack) by the Monitor Program limit
the size of the available RAM.
NOTE:
The Identification Bit Pattern defines if the monitor code or a user’s code (program) is
executed after a power-up or hardware reset (PUC). See Section 5.2. The Temporary
Burn Routine user’s addresses are allocated for the EPROM burn routine which must
run in the RAM. When data is written into the EPROM (program memory), code in the
EPROM can not be executed. Therefore, the burn program has to be in the RAM (loaded
from the EPROM so it can be executed).


Similar Part No. - MSP-EXP430G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP-EXP430G2ET TI-MSP-EXP430G2ET Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
More results

Similar Description - MSP-EXP430G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
CML Microcircuits
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
   Evaluation Kit User Manual
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
   Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
List of Unclassifed Man...
IT900 ETC-IT900 Datasheet
970Kb / 18P
   STK4 (Starter Kit) User Manual
February 2011
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
   Starter Kit
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
   Starter Kit
February 2022
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com