Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

6-104068-2 Datasheet(HTML) 68 Page - Tyco Electronics

Part No. 6-104068-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

6-104068-2 Datasheet(HTML) 68 Page - Tyco Electronics

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 100 page
background image
68
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Accessories (Continued)
.106
[2.69]
Ref.
.581
[14.76]
Ref.
.240
[6.10]
.186
[4.72]
A
B
No. of
Dimensions
Part
Pos.
AB
Number
.534
.690
10
13.56
17.53
499252-5
.734
.890
14
18.64
22.61
499252-9
.834
.990
16
21.18
25.15
499252-8
1.034
1.190
20
26.26
30.23
499252-2
1.234
1.390
24
31.34
35.31
1-499252-0
1.334
1.490
26
33.88
37.85
499252-3
1.534
1.690
30
38.96
42.93
1-499252-2
1.734
1.890
34
44.04
48.01
499252-6
2.034
2.190
40
51.66
55.63
499252-1*
2.234
2.390
44
56.74
60.71
1-499252-1
2.534
2.690
50
64.36
68.33
499252-4
3.034
3.190
60
77.06
81.03
499252-7
3.234
3.390
64
82.14
86.11
1-499252-3
*Ultra ATA Strain Relief is 499252-1 only.
Strain Relief for Novo and
Ultra ATA Bus Connectors
Material and Finish
Glass-filled polyester, black
Related Product Data
Novo Connectors — pages 48-51
Ultra ATA Bus Connectors —
pages 13-15
No. of
Dimensions
Part
Pos.
AB
Number
.440
.314
8
11.18
7.98
1-111614-6
.518
.392
10
13.16
9.96
111614-1
.596
.470
12
15.14
11.94
1-111614-7
.676
.550
14
17.17
13.97
111614-2
.755
.629
16
19.18
15.98
111614-3
.912
.786
20
23.16
19.96
111614-4
.991
.865
22
25.17
21.97
1-111614-5
1.070
.944
24
27.18
23.98
111614-5
1.148
1.022
26
29.16
25.96
111614-6
1.306
1.180
30
33.17
29.97
111614-7
1.463
1.337
34
37.16
33.96
111614-8
1.700
1.574
40
43.18
39.98
111614-9
1.857
1.731
44
47.17
43.97
1-111614-0
2.093
1.967
50
53.16
49.96
1-111614-1
Strain Relief for 2 mm
Receptacle Connectors
Material and Finish
Glass-filled polyester, black
Related Product Data
2 mm Receptacle Connectors —
pages 16 and 17
B
Typ.
.030
[0.76]
Typ.
.020
[0.51]
Typ.
.015
[0.38]
Rad. Typ.
.130
[3.30]
A
.132
[3.35]
Typ.
.201
[5.11]
Typ.
Typ.
Typ.
.161
[4.09]
.139
[3.53]
Typ.
.082
[2.08]
Typ.
.040
[1.02]
.276
[7.01]
Typ.
Typ.
.056
[1.42]
Note: All part numbers are RoHS compliant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn