Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

6-104068-2 Datasheet(HTML) 23 Page - Tyco Electronics

Part No. 6-104068-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

6-104068-2 Datasheet(HTML) 23 Page - Tyco Electronics

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 100 page
background image
23
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Board-to-Board Right-Angle Headers
Ribbon Cable Interconnect Solutions
AMPMODU 50/50 Grid
Right-Angle Headers will
accommodate a variety of
high density packaging
applications; right-angle
board-to-board applications
when mated with vertical
receptacles (page 20) and
right-angle cable-to-board
applications when mated
with cable connectors
(page 26). The small
.050 x .050 [1.27 x 1.27]
centerline contact spacing
allows efficient use of the
PC board area.
Mechanical support of the
headers to the PC board is
provided by non-protrusive
metallic holddowns
designed for .062 [1.57] or
thicker PC boards. These
holddowns are of the same
design as those used in the
vertical headers (page 21)
and receptacles (page 20).
There are also metallic tabs
that are soldered to the sur-
faces of the PC board pads
for added support.
AMPMODU 50/50 Grid
Right-Angle Headers are
available in double-row, in
either latching or non-
latching versions, and in
sizes ranging from 10
through 100 positions (in 10
position increments). The
latching version provides
positive retention when
mated with the latching
cable connector (page 26).
All headers feature polariza-
tion to help prevent mis-
alignment during mating.
Product Facts
I
Surface-mount products for
right-angle board-to-board
and cable-to-board
applications
I
Double-row, right-angle
shrouded headers
I
High density .050 x .050
[1.27 x 1.27] centerline grid
I
Latching and non-latching
versions available
I
Non-protrusive metallic
holddowns
I
Metallic tabs, when
soldered to PC board pad,
provide added mechanical
support
I
Duplex plated post contacts;
gold plated on mating area,
tin plated on tails
I
Compatible with standard
surface-mount processing
(VPR and IR)
I
Standoffs on header
housings allow for drainage
of processing fluids
I
All headers are polarized
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
R
R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn