Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

6-104068-2 Datasheet(HTML) 24 Page - Tyco Electronics

Part No. 6-104068-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

6-104068-2 Datasheet(HTML) 24 Page - Tyco Electronics

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 100 page
background image
24
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Board-to-Board Right-Angle Headers, Double Row, .050 x .050
[1.27 x 1.27] Centerline
Note: All part numbers are RoHS compliant.
Material and Finish
Housing — Liquid crystal polymer,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.000381] tin on
solder tail, with entire contact under-
plated .000050 [0.00127] nickel
Holddown — Copper alloy; plated
.0000150 [0.00381] tin over .000050
[0.00127] nickel
Related Product Data
Mating Receptacles — pages 20
and 26
Performance Specifications —
page 29
Technical Documents — page 29
Product Specification 108-1443
Application Specification
114-7010
Packaging — Tube
Recommended PC Board Layout
No. of
Dimensions
Header
Pos.
Part Numbers
AB
C
D
Latching
Non-Latching
10
.630 [16.00]
9
.225 [5.72]
.550 [13.97]
5-104895-1
5-104894-1
20
.880 [22.35]
19
.475 [12.07]
.800 [20.32]
5-104895-2
5-104894-2
30
1.130 [28.70]
29
.725 [18.42]
1.050 [26.67]
5-104895-3
5-104894-3
40
1.380 [35.05]
39
.975 [24.77]
1.300 [33.02]
5-104895-4
5-104894-4
50
1.630 [41.40]
49
1.225 [31.12]
1.550 [39.37]
5-104895-5
5-104894-5
60
1.880 [47.75]
59
1.475 [37.47]
1.800 [45.72]
5-104895-6
5-104894-6
70
2.130 [54.10]
69
1.725 [43.82]
2.050 [52.07]
5-104895-7
5-104894-7
80
2.380 [60.45]
79
1.975 [50.17]
2.300 [58.42]
5-104895-8
5-104894-8
100
2.880 [73.15]
99
2.475 [62.87]
2.800 [71.12]
6-104895-0
6-104894-0
A
.430
[10.92]
.340
[8.64]
.305
[7.75]
B Spaces at
.025
=
C
[0.64]
.085
[2.16]
.140
[3.56]
.175
[4.45]
D
.100
[2.54]
Min
.063
[1.57]
(2 Plc)
.190
[4.83]
(2 Plc)
.047
Dia
[1.19]
Plated-Thru Hole
(2 Plc)
.136
[3.45]
(2 Plc)
.050
[1.27]
.352
[8.94]
.213
[5.41]
.050
[1.27]
.050
[1.27]
Typ.
.029
[0.74]
Typ
.065
[1.65]
Typ.
Note: Refer to TE Customer
Drawings for additional PC board
layout information and dimensional
tolerances.
Non-Latching Header
Latching Header


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn