Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

6-104068-2 Datasheet(HTML) 48 Page - Tyco Electronics

Part No. 6-104068-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

6-104068-2 Datasheet(HTML) 48 Page - Tyco Electronics

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 100 page
background image
48
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Novo Connectors
Product Facts
I
.100 x .100 [2.54 x 2.54]
mating grid for .050 [1.27]
pitch ribbon cable
I
Tuning fork contact offers a
military approved design, at
an economical cost
I
Polarization options include
military, center and military,
and dual bar
I
Choice of duplex gold plating
on contact mating area
I
Insulation displacement
contacts for fast, economical
mass terminations
I
Contact design provides
uniform latching of contacts
and housing with connector
cover
I
Housing, cover and strain
relief made of UL 94V-0
rated thermoplastic material
I
Selected 10 thru 64-position
configurations available
I
Accepts wire size range
28-26 AWG [0.08-0.15 mm2],
solid or stranded
I
Snap-on strain relief and
choice of pull loops
available
I
One-step termination with
Novo tooling
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R
Novo receptacles offer a
dual contact interface with
all normal force created by
metal-to-metal contact. This
provides a higher degree of
contact reliability.
Novo receptacles feature
two rows of contacts on
.100 x .100 [2.54 x 2.54]
centerlines in select sizes
from 10 to 64 positions.
Contacts mate with .0252
[0.642] or round posts with
.245 [6.22] max. and .175
[4.45] min. lengths. The
Novo tuning fork contact
offers a military-approved
design, and at a lower cost.
Contacts are made of
phosphor bronze and
are available in a choice
of duplex .000015 [0.00038]
or .000030 [0.00076] gold
in the mating area, and
.000100 [0.00254] tin in the
termination area, with the
entire contact underplated
with .000050 [0.00127]
nickel.
Housings are made of
UL 94V-0 thermoplastic
material and feature military,
military and center, and
dual bar polarization.
Optional accessories
include a snap-on strain
relief and pull loops.
Novo receptacles can be
terminated to .050 [1.27]
pitch ribbon cable by a
wide variety of one-step
application tooling.
Assemblies are packaged
in tubes for ease of handling,
protection and termination.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn