Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

6-104068-2 Datasheet(HTML) 62 Page - Tyco Electronics

Part No. 6-104068-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

6-104068-2 Datasheet(HTML) 62 Page - Tyco Electronics

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 100 page
background image
62
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
1-Row Horizontal Receptacles
1.25 Fine Pitch (FP) - 1-Row Horizontal Receptacles
Part Numbers
No. of
Dimensions
With Mounting Bosses
Without Mounting Bosses
Pos.
ABC
Tape
Bag
Tape
Bag
4
6.45
3.75
5.45
.254
.148
.215
3-175637-4
3-174638-4
3-175629-4
3-174903-4
5
7.70
5.00
6.70
.303
.197
.264
3-175637-5
3-174638-5
3-175629-5
3-174903-5
6
8.95
6.25
7.95
.352
.246
.313
3-175637-6
3-174638-6
3-175629-6
3-174903-6
7
10.20
7.50
9.20
2.35
.402
.295
.362
3-175637-7
3-174638-7
3-175629-7
3-174903-7
Slot Key
8
11.45
8.75
10.45
.451
.345
.411
3-175637-8
3-174638-8
3-175629-8
3-174903-8
10
13.95
11.25
12.95
.549
.443
.510
4-175637-0
4-174638-0
4-175629-0
4-174903-0
17
22.70
20.00
21.70
.894
.787
.854
4-174638-7
4-175629-7
4-174903-7
20
26.45
23.75
25.45
1.041
.935
1.002
5-174638-0
5-174903-0
1.25
[.049]
Pitch
Optional
Mounting Boss
A
B
C
3.40
[.134]
4.20
[.165]
0.80
[.031]
0.05
[.002]
3.00
[.118]
2.80
[.110]
0.50
[.020]
1.40
[.055]
1.35
[.053]
Min.
Min.
A
3.40
[.134]
0.70
[.028]
0.70
[.028]
1.35
[.053]
0.50
[.020]
1.30
[.051]
Ø 0.80
[.031]
PCB Mounting Layout
Material and Finish
Housing — Black PPS, UL 94V-0 rated
Contacts — Phosphor bronze,
post tin plated over nickel underplate


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn