Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

647166-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 647166-2
Description  MTA-100 HEADER ASSEMBLY, SURFACE MOUNT.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

647166-2 Datasheet(HTML) 1 Page - Tyco Electronics

  647166-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 647166-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6471 MOLEX-6471 Datasheet
69Kb / 2P
   KK Mini -2.50mm & 2.54mm Modular Interconnection System
6471-02 MOLEX2-6471-02 Datasheet
440Kb / 9P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 2 Circuits, Use with 4809
6471-02 MOLEX2-6471-02 Datasheet
293Kb / 6P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, 2 Circuits, Use with 4809
6471-03 MOLEX2-6471-03 Datasheet
416Kb / 8P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 3 Circuits, Use with 4809
6471-04 MOLEX2-6471-04 Datasheet
293Kb / 6P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, 4 Circuits, Use with 4809
More results

Similar Description - 647166-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1650720 MACOM-1650720 Datasheet
138Kb / 1P
   MTA 100 HEADER ASSEMBLY
2-644803-6 MACOM-2-644803-6 Datasheet
155Kb / 1P
   MTA-100 SHROUDED HEADER ASSEMBLY
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
3-644456-4 MACOM-3-644456-4 Datasheet
188Kb / 1P
   MTA-100 HEADER ASSEMBLY,NARROW, 0.25 SQUARE STRAIGHT POST, TIN PLATED
641199 MACOM-641199 Datasheet
148Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
3-643813-2 MACOM-3-643813-2 Datasheet
155Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
3-644038-5 MACOM-3-644038-5 Datasheet
131Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
3-644456-3 MACOM-3-644456-3 Datasheet
188Kb / 1P
   MTA-100 HEADER ASSEMBLY, NARROW, 025 SQUARE STRAIGHT POST TIN PLATED
641193 MACOM-641193 Datasheet
168Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY 28 AWG, STANDARD
4-644540-1 MACOM-4-644540-1 Datasheet
114Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com