Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-87220-5 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1-87220-5
Description  AMPMODU Headers and Receptacles
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87220-5 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1-87220-5 Datasheet HTML 2Page - Tyco Electronics 1-87220-5 Datasheet HTML 3Page - Tyco Electronics 1-87220-5 Datasheet HTML 4Page - Tyco Electronics 1-87220-5 Datasheet HTML 5Page - Tyco Electronics 1-87220-5 Datasheet HTML 6Page - Tyco Electronics 1-87220-5 Datasheet HTML 7Page - Tyco Electronics 1-87220-5 Datasheet HTML 8Page - Tyco Electronics 1-87220-5 Datasheet HTML 9Page - Tyco Electronics 1-87220-5 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
90
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mating Post Selection Guide
AMPMODU Interconnection System
5
The following selection
guide is provided to help in
choosing a mating product
after a receptacle, header
or post has been selected.
In some instances refer-
ences are given on the cat-
alog page to specific mat-
ing connectors. In other
instances the reader is
referred here to the selec-
tion guide for mating prod-
uct recommendations.
If your application require-
ment is not answered here,
consult Tyco Electronics for
further recommendations.
Posts Without Shoulders
For drawn wire products
(ie, AMPMODU Breakaway
and Low Profile Headers)
and for products having the
shoulder of the post below
the housing or pc board
surface (ie, AMPMODU
MTE and Single Row
Shrouded Headers) the
effective mating length
starts at the housing or
pc board surface.
Posts With Shoulders
For product having the
shoulder of the post
extending above the hous-
ing or pc board surface
(ie, Standard AMPMODU
Shrouded and Unshrouded
Headers) the effective mat-
ing length starts at the top
of the shoulder.
Recommended
Effective
Receptacle Type
Mating Posts Lengths
Minimum
Maximum
AMPMODU Mod II Horizontal Board Mount
Receptacle, Single and Double Row, Short
.230 [5.84]
.280 [7.11]
Point-of-Contact—pages 169, 170, 172, 173
AMPMODU Mod II Vertical Board Mount
Receptacle, Single Row, Standard Profile,
.183 [4.65]
.330 [8.38]
Top Entry—page 175
AMPMODU Mod II Vertical
Board Mount Receptacle, Standard
.183 [4.65]
.330 [8.38]
Profile, Double Row, Top Entry,
100 x .100 mt.—page 176
AMPMODU Mod IV Vertical
Board Mount Receptacle, Low
.183 [4.65]
.255 [6.48]
Profile, Single Row, Top Entry, Single Tine—
page 178
AMPMODU Mod IV Vertical
Board Mount Receptacle, Low
.280 [7.11]
Profile, Single Row, Bottom Entry—
*
page 177
AMPMODU Mod IV Vertical
Board Mount Receptacle, Low
.183 [4.65]
.255 [6.48]
Profile, Double Row, Top Entry—
pages 179, 180
AMPMODU Surface-Mount Receptacle, Top Entry
.183 [4.65]
*
Vertical Board Mount,
Single Row, Dual Entry—page 187, 188 Bottom Entry
.204 [5.18]
*
AMPMODU Mod IV Vertical
Board Mount Receptacle, Low
Top Entry
.183 [4.65]
*
Profile, Double Row, Dual Entry—
Bottom Entry
.204 [5.18]
*
page 182
AMPMODU Surface-Mount Receptacle, Top Entry
.183 [4.65]
*
Vertical Board Mount, Double Row,
Dual Entry—page 189-192
Bottom Entry .204 [5.18]
*
AMPMODU .600 [15.24] Mod IV
Housing with Standard Pressure Contacts—
.210 [5.33]
.283 [7.19]
pages 211-220
AMPMODU .600 [15.24] Mod IV
Housing with Intermediate Pressure Contacts—
.205 [5.21]
.283 [7.19]
pages 211-220
AMPMODU .600 [15.24] Mod IV
Housing with High Pressure Contacts—
.185 [4.70]
.283 [7.19]
pages 211-220
AMPMODU Mod IV Vertical
Board Mount Receptacle, Low
Top Entry
.183 [4.65]
*
Profile, Single Row, Dual Entry—
Bottom Entry
.204 [5.18]
*
page 181
Recommended
Effective
Receptacle Type
Mating Posts Lengths
Minimum
Maximum
Short Point Housing with Contacts—
.169 [4.29]
.259 [6.58]
pages 222-224
AMPMODU MTE Unloaded Housing with
.169 [4.29]
.259 [6.58]
Short Point Contacts—pages 222, 229, 231, 233
AMPMODU MTE
.200 [5.08]
.250 [6.35]
IDC Assemblies
AMPMODU MT IDC Assembly with
.222 [5.64]
.273 [6.93]
Standard Pressure Contacts—page 256
AMPMODU MT IDC Assembly with
.200 [5.08]
.273 [6.93]
High Pressure Contacts—page 257
Locking Clip Housing with
.273 [6.93]
.350 [8.89]
Contacts—pages 207-209
Locking Clip Contact without
.200 [5.08]
.277 [7.04]
Housing—page 207
Flexible Flat Conductor Cable
Single Row
.267 [6.78]
.323 [8.20]
Receptacle with Round Wire
Crimp High Pressure Contact—
Double Row
.282 [7.16]
.323 [8.20]
Catalog 82007
Flexible Flat Conductor Cable
Single Row
.210 [5.33]
.323 [8.20]
Receptacle with Multiple Wire
Crimp High Pressure Contact—
Double Row
.225 [5.72]
.323 [8.20]
Catalog 82007
Flexible Flat Conductor Cable
Single Row
.267 [6.78]
.323 [8.20]
Receptacle with Round Wire
Crimp Standard Pressure
Double Row
.282 [7.16]
.323 [8.20]
Contact—Catalog 82007
Flexible Flat Conductor Cable
Single Row
.220 [5.59]
.323 [8.20]
Receptacle with Multiple Crimp
Standard Pressure Contact—
Double Row
.235 [5.97]
.323 [8.20]
Catalog 82007
*Maximum post length is determined by customer’s application; (i.e., available
space beyond rear of horizontal receptacle assembly, or above bottom entry ver-
tical receptacle assembly or below vertical receptacle assemblies used in pass
through applications).
Effective
Mating
Length
Effective
Mating
Length


Similar Part No. - 1-87220-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-87220-5 MACOM-1-87220-5 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-87220-5 MACOM-1-87220-5 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87220-5 MACOM-1-87220-5 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87220-5 MACOM-1-87220-5 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 1-87220-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Tyco Electronics
281838-4 MACOM-281838-4 Datasheet
598Kb / 1P
   100 AMPMODU Headers, Housing Contacts
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
5-146288-3 MACOM-5-146288-3 Datasheet
135Kb / 2P
   Breakaway and Retention Headers?봘nshrouded
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com