Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ180CA Datasheet(PDF) 7 Page - Formosa MS

Part # SMAJ180CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ180CA Datasheet(HTML) 7 Page - Formosa MS

Back Button SMAJ180CA Datasheet HTML 2Page - Formosa MS SMAJ180CA Datasheet HTML 3Page - Formosa MS SMAJ180CA Datasheet HTML 4Page - Formosa MS SMAJ180CA Datasheet HTML 5Page - Formosa MS SMAJ180CA Datasheet HTML 6Page - Formosa MS SMAJ180CA Datasheet HTML 7Page - Formosa MS SMAJ180CA Datasheet HTML 8Page - Formosa MS SMAJ180CA Datasheet HTML 9Page - Formosa MS SMAJ180CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
L
2X1QL
3Q8
3'31&8
7(1Q!'&
8
1Qy3
&
193!8
11
3&
3'3&yV8
73zY
{M#z
{#z
{z
1QL3Q8031O
)
P1L
&
(3737&
!
zYP&
19L
Q2
z&
8
123SzPU
w1&|9318
L
Q2
z&
8
123
L
21QL
3Q8(3Q8L
!L
'33!8
2(Q!8
7(
zY}8
73'&
8
12333QyV8
7398
38
3!&
1!
L
&
L
L
8
3!8
8
73&
19L
Q2'&
8
123&
3'3&
1QL
3Q8
z&
8
123
P&
19L
Q2
1QL
3Q8
08
38
3!
1!
zY
1QL
3Q8
P(3Q8
~

—˜™
š
›œ˜›žŸ ˜¡˜Ÿ™
¢¡š
£™
š
ŸŸ¤¡¥¢£¦§¨©ª§¬­®¬§¯
°
±²³´±¶·¸
¶±¹
º
»¼½¾»ÀÁÂ
À»Ã
Ä
ÅÆÇÈÅÊËÌ
ÊÅÍ
nopqorsuv
wxy{|}~€
~‚ƒ„…
‚
}†w‡ˆˆ|„|
‰Š‹Œ‰Ž

Ž‘
Page 7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMAJ180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ180CA LITTELFUSE-SMAJ180CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
SAMYANG ELECTRONICS CO....
SMAJ180CA SAMYANG-SMAJ180CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
StarHope
SMAJ180CA SPSEMI-SMAJ180CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Zibo Seno Electronic En...
SMAJ180CA ZSELEC-SMAJ180CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
SMAJ180CA MDE-SMAJ180CA Datasheet
111Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ180CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com