Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ190C Datasheet(PDF) 10 Page - Formosa MS

Part # SMAJ190C
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ190C Datasheet(HTML) 10 Page - Formosa MS

Back Button SMAJ190C Datasheet HTML 2Page - Formosa MS SMAJ190C Datasheet HTML 3Page - Formosa MS SMAJ190C Datasheet HTML 4Page - Formosa MS SMAJ190C Datasheet HTML 5Page - Formosa MS SMAJ190C Datasheet HTML 6Page - Formosa MS SMAJ190C Datasheet HTML 7Page - Formosa MS SMAJ190C Datasheet HTML 8Page - Formosa MS SMAJ190C Datasheet HTML 9Page - Formosa MS SMAJ190C Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
()
$3%3'
8
1"3
()
$31*'
)
'
8
+
,-'
2739318
!3%3&33.'
1
03!3/03
139318
!3/+)
'
"2
731)(70
2-!'
$'
8
+
5-'
2739318
!3(8
123'

3
183 1 
3 3
'
33*$+'
"8
)
$3
45
,4
6
18151/
13
6
7%89
18
318:13/
57
;
6
10 18:/
7
(#
<

6
6
11/8
=1/$ 3)
)
3$
,3'
"
1"$8
1"
33$
1'
"8
8
1)3+)
3
6
6
3/
1'
"'
38
33/
1'
"8
8
1)3+)
3
6
18:51/>%-:51? 
3337

6
1821/
3337
6
5 /
5
:53?
9#
( 213
9-6 3,
9#
( 3
9-6 35
9#
( 213
9-6 3,5
;( 3
9#
( 213
9-6 31
9#
( 213
9-6 31
9#
( 213
9-6 3
9#
( 213
9-6 3,
#
8
338
/"$'
8
'
"
%3
33"3
@A
BCEFG
A
HIA
G
A
JKJFLJMHNHIA
G
A
JA
FL
OPEQPLHRS
TUVXYZ[\]
^[_`ab
_
Zc^TdeeY^\\aY
fghifkl
m
kn
Page 10
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMAJ190C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ190C LUGUANG-SMAJ190C Datasheet
843Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SMAJ190C UNSEMI-SMAJ190C Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMAJ190C LUGUANG-SMAJ190C Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ190C SOCAY-SMAJ190C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DIYI Electronic Technol...
SMAJ190C DYELEC-SMAJ190C Datasheet
530Kb / 5P
   Excellent clamping capability
More results

Similar Description - SMAJ190C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com