Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1462037-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1462037-1
Description  IM Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1462037-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1462037-1 Datasheet HTML 1Page - Tyco Electronics 1462037-1 Datasheet HTML 2Page - Tyco Electronics 1462037-1 Datasheet HTML 3Page - Tyco Electronics 1462037-1 Datasheet HTML 4Page - Tyco Electronics 1462037-1 Datasheet HTML 5Page - Tyco Electronics 1462037-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
07-2013, Rev. 0713
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
IM Relay (Continued)
Insulation Data
standard
C
D,P
standard,
high
high current,
sensitive,
dielectric
high contact
ultra high
version
stability
sensitive
version
version
Initial dielectric strength
between open contacts
1000Vrms
1500Vrms
750Vrms
between contact and coil
1800Vrms
1800Vrms
1500Vrms
between adjacent contacts
1000Vrms
1800Vrms
750Vrms
Initial surge withstand voltage
between open contacts
1500V
2500V
1000V
between contact and coil
2500V
2500V
2000V
between adjacent contacts
1500V
2500V
1000V
Initial insulation resistance
between insulated elements
>109Ω
>109Ω
>109Ω
Capacitance
between open contacts
max. 1pF
between contact and coil
max. 2pF
between adjacent contacts
max. 2pF
RF Data
Isolation at 100MHz/900MHz
37.0dB/18.8dB
Insertion loss at 100MHz/900MHz
0.03dB/0.33dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.06/1.49
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40°C to +85°C
Thermal resistance
<150K/W
Category of environmental protection
IEC 61810
RT V - hermetically sealed
Degree of protection, IEC 60529
IP 67, immersion cleanable
Vibration resistance (functional)
20g, 10 to 500Hz
Shock resistance (functional), half sinus 11ms
50g
Shock resistance (destructive), half sinus 0.5ms
500g
Mounting position
any
Weight
max. 0.75g
Resistance to soldering heat THT
Peak value
IEC 60068-2-20
265°C/10s
Resistance to soldering heat SMT
IEC 60068-2-58
265°C/10s
Moisture sensitive level, JEDEC J-Std-020D
MSL3
related only to SMT relays
packed in orginal dry-packs
Ultrasonic cleaning
not recommended
Packaging/unit
THT version
tube/50pcs., box/1000 pcs.
SMT version
reel/1000 pcs., box/1000 or 5000 pcs.
Coil Data (continued)
Coil versions, sensitive version, monostable, 1 coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
11
3
2.40
0.30
91
100
12
4.5
3.60
0.45
194
100
13
5
4.00
0.50
234
100
16
12
9.60
1.20
1315
110
17
24
19.20
2.40
4120
140
Coil versions, ultra high sensitive version, monostable, 1 coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
21
3
2.55
0.30
180
50
22
4.5
3.83
0.45
405
50
23
5
4.25
0.50
500
50
26
12
10.20
1.20
2880
50
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil versions, standard, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
40
1.5
1.13
-1.13
23
100
48
2.4
1.80
-1.80
58
100
41
3
2.25
-2.25
90
100
42
4.5
3.38
-3.38
203
100
43
5
3.75
-3.75
250
100
44
6
4.50
-4.50
360
100
45
9
6.75
-6.75
810
100
46
12
9.00
-9.00
1440
100
47
24
18.00
-18.00
2880
200
All figures are given for coil without pre-energization, at ambient temperature +23°C
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10
20
30
40
50
60
70
80
90 10 01 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0102030405060708090 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
Coil operating range, sensitive and ultra high sensitive coil
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10
20
30
40
50
60
70
80
90 10 01 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0102030405060708090 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
Coil operating range, bistable 1 coil
Monostable version
rest condition
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊresetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊresetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
Terminal assignment
TOP view on relay
Bistable version, 1 coil
reset condition
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊresetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊresetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
Contacts are shown in reset condition. Contact position might change during
transportation and must be reset before use.


Similar Part No. - 1462037-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1462035-9 TEC-1462035-9 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
1462038-2 MACOM-1462038-2 Datasheet
236Kb / 6P
   IM-Relay
1462038-3 MACOM-1462038-3 Datasheet
236Kb / 6P
   IM-Relay
1462039-1 MACOM-1462039-1 Datasheet
236Kb / 6P
   IM-Relay
1462039-2 MACOM-1462039-2 Datasheet
236Kb / 6P
   IM-Relay
More results

Similar Description - 1462037-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
   IM-Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com