Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ54C Datasheet(PDF) 5 Page - Formosa MS

Part # SMBJ54C
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ54C Datasheet(HTML) 5 Page - Formosa MS

  SMBJ54C Datasheet HTML 1Page - Formosa MS SMBJ54C Datasheet HTML 2Page - Formosa MS SMBJ54C Datasheet HTML 3Page - Formosa MS SMBJ54C Datasheet HTML 4Page - Formosa MS SMBJ54C Datasheet HTML 5Page - Formosa MS SMBJ54C Datasheet HTML 6Page - Formosa MS SMBJ54C Datasheet HTML 7Page - Formosa MS SMBJ54C Datasheet HTML 8Page - Formosa MS SMBJ54C Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
]^_`^abde
fghjklmno
pmqrst
q
lupfvwwkpnnsk
xyz{x}~






 !8"#$%&''(&)*+'&$&,-

Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ85
SMBJ85C
NU
DU
85
94.0
119.2
1.0
151
4.0
5.0
SMBJ85A
SMBJ85CA
NV
DV
85
94.0
108.2
1.0
137
4.4
5.0
SMBJ90
SMBJ90C
NW
DW
90
100
126.5
1.0
160
3.8
5.0
SMBJ90A
SMBJ90CA
NX
DX
90
100
115.5
1.0
146
4.1
5.0
SMBJ100
SMBJ100C
NY
DY
100
111
141.0
1.0
179
3.4
5.0
SMBJ100A SMBJ100CA
NZ
DZ
100
111
128.0
1.0
162
3.7
5.0
SMBJ110
SMBJ110C
PD
ED
110
122
154.5
1.0
196
3.1
5.0
SMBJ110A
SMBJ110CA
PE
EE
110
122
140.5
1.0
177
3.4
5.0
SMBJ120
SMBJ120C
PF
EF
120
133
169.0
1.0
214
2.8
5.0
SMBJ120A SMBJ120CA
PG
EG
120
133
153.0
1.0
193
3.1
5.0
SMBJ130
SMBJ130C
PH
EH
130
144
182.5
1.0
231
2.6
5.0
SMBJ130A SMBJ130CA
PK
EK
130
144
165.5
1.0
209
2.9
5.0
SMBJ150
SMBJ150C
PL
EL
150
167
211.5
1.0
268
2.2
5.0
SMBJ150A SMBJ150CA
PM
EM
150
167
192.5
1.0
243
2.5
5.0
SMBJ160
SMBJ160C
PN
EN
160
178
226.0
1.0
287
2.1
5.0
SMBJ160A SMBJ160CA
PP
EP
160
178
205.0
1.0
259
2.3
5.0
SMBJ170
SMBJ170C
PQ
EQ
170
189
239.5
1.0
304
2.0
5.0
SMBJ170A SMBJ170CA
PR
ER
170
189
217.5
1.0
275
2.2
5.0
SMBJ180
SMBJ180C
PS
ES
180
200
253.8
1.0
321
1.9
5.0
SMBJ180A SMBJ180CA
PT
ET
180
200
230.4
1.0
290
2.1
5.0
SMBJ190
SMBJ190C
PU
EU
190
211
267.9
1.0
339
1.8
5.0
SMBJ190A SMBJ190CA
PV
EV
190
211
243.2
1.0
306
2.0
5.0
SMBJ200
SMBJ200C
PW
EW
200
222
282.0
1.0
356
1.7
5.0
SMBJ200A SMBJ200CA
PX
EX
200
222
256.0
1.0
322
1.9
5.0
SMBJ210
SMBJ210C
PY
EY
210
233
296.1
1.0
375
1.6
5.0
SMBJ210A SMBJ210CA
PZ
EZ
210
233
268.8
1.0
339
1.8
5.0
SMBJ220
SMBJ220C
QD
FD
220
244
310.2
1.0
392
1.5
5.0
SMBJ220A SMBJ220CA
QE
FE
220
244
281.6
1.0
355
1.7
5.0
SMBJ250
SMBJ250C
QF
FF
250
278
342.5
1.0
447
1.3
5.0
SMBJ250A SMBJ250CA
QG
FG
250
278
309.0
1.0
403
1.5
5.0
SMBJ300
SMBJ300C
QH
FH
300
333
411.0
1.0
535
1.1
5.0
SMBJ300A SMBJ300CA
QK
FK
300
333
371.0
1.0
484
1.2
5.0
SMBJ350
SMBJ350C
QL
FL
350
389
479.5
1.0
624
1.0
5.0
SMBJ350A SMBJ350CA
QM
FM
350
389
432.0
1.0
565
1.1
5.0
SMBJ400
SMBJ400C
QN
FN
400
444
548.0
1.0
687
0.9
5.0
SMBJ400A SMBJ400CA
QP
FP
400
444
494.0
1.0
645
0.9
5.0
SMBJ440
SMBJ440C
QQ
FQ
440
489
602.8
1.0
786
0.8
5.0
SMBJ440A SMBJ440CA
QR
FR
440
489
543.0
1.0
710
0.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 5
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ54C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ54C BYTES-SMBJ54C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ54C SOCAY-SMBJ54C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ54C EIC-SMBJ54C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ54C SOCAY-SMBJ54C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ54C MCC-SMBJ54C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ54C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com