Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ54CA Datasheet(PDF) 4 Page - Formosa MS

Part # SMBJ54CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ54CA Datasheet(HTML) 4 Page - Formosa MS

  SMBJ54CA Datasheet HTML 1Page - Formosa MS SMBJ54CA Datasheet HTML 2Page - Formosa MS SMBJ54CA Datasheet HTML 3Page - Formosa MS SMBJ54CA Datasheet HTML 4Page - Formosa MS SMBJ54CA Datasheet HTML 5Page - Formosa MS SMBJ54CA Datasheet HTML 6Page - Formosa MS SMBJ54CA Datasheet HTML 7Page - Formosa MS SMBJ54CA Datasheet HTML 8Page - Formosa MS SMBJ54CA Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
]^_`^abde
fghjklmno
pmqrst
q
lupfvwwkpnnsk
xyz{x}~

Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ22
SMBJ22C
LW
BW
22
24.4
30.9
1.0
39.4
15.2
5.0
SMBJ22A
SMBJ22CA
LX
BX
22
24.4
28.0
1.0
35.5
16.9
5.0
SMBJ24
SMBJ24C
LY
BY
24
26.7
33.8
1.0
43.0
14.0
5.0
SMBJ24A
SMBJ24CA
LZ
BZ
24
26.7
30.7
1.0
38.9
15.4
5.0
SMBJ26
SMBJ26C
MD
CD
26
28.9
36.6
1.0
46.6
12.9
5.0
SMBJ26A
SMBJ26CA
ME
CE
26
28.9
33.2
1.0
42.1
14.3
5.0
SMBJ28
SMBJ28C
MF
CF
28
31.1
39.4
1.0
50.0
12.0
5.0
SMBJ28A
SMBJ28CA
MG
CG
28
31.1
35.8
1.0
45.4
13.2
5.0
SMBJ30
SMBJ30C
MH
CH
30
33.3
42.2
1.0
53.5
11.2
5.0
SMBJ30A
SMBJ30CA
MK
CK
30
33.3
38.3
1.0
48.4
12.4
5.0
SMBJ33
SMBJ33C
ML
CL
33
36.7
46.5
1.0
59.0
10.2
5.0
SMBJ33A
SMBJ33CA
MM
CM
33
36.7
42.2
1.0
53.3
11.3
5.0
SMBJ36
SMBJ36C
MN
CN
36
40.0
50.7
1.0
64.3
9.3
5.0
SMBJ36A
SMBJ36CA
MP
CP
36
40.0
46.0
1.0
58.1
10.3
5.0
SMBJ40
SMBJ40C
MQ
CQ
40
44.4
56.3
1.0
71.4
8.4
5.0
SMBJ40A
SMBJ40CA
MR
CR
40
44.4
51.1
1.0
64.5
9.3
5.0
SMBJ43
SMBJ43C
MS
CS
43
47.8
60.5
1.0
76.7
7.8
5.0
SMBJ43A
SMBJ43CA
MT
CT
43
47.8
54.9
1.0
69.4
8.6
5.0
SMBJ45
SMBJ45C
MU
CU
45
50.0
63.3
1.0
80.3
7.5
5.0
SMBJ45A
SMBJ45CA
MV
CV
45
50.0
57.5
1.0
72.7
8.3
5.0
SMBJ48
SMBJ48C
MW
CW
48
53.3
67.5
1.0
85.5
7.0
5.0
SMBJ48A
SMBJ48CA
MX
CX
48
53.3
61.3
1.0
77.4
7.8
5.0
SMBJ51
SMBJ51C
MY
CY
51
56.7
71.8
1.0
91.1
6.6
5.0
SMBJ51A
SMBJ51CA
MZ
CZ
51
56.7
65.2
1.0
82.4
7.3
5.0
SMBJ54
SMBJ54C
ND
DD
54
60.0
76.0
1.0
96.3
6.2
5.0
SMBJ54A
SMBJ54CA
NE
DE
54
60.0
69.0
1.0
87.1
6.9
5.0
SMBJ58
SMBJ58C
NF
DF
58
64.4
81.6
1.0
103
5.8
5.0
SMBJ58A
SMBJ58CA
NG
DG
58
64.4
74.1
1.0
93.6
6.4
5.0
SMBJ60
SMBJ60C
NH
DH
60
66.7
84.5
1.0
107
5.6
5.0
SMBJ60A
SMBJ60CA
NK
DK
60
66.7
76.7
1.0
96.8
6.2
5.0
SMBJ64
SMBJ64C
NL
DL
64
71.1
90.1
1.0
114
5.3
5.0
SMBJ64A
SMBJ64CA
NM
DM
64
71.1
81.8
1.0
103
5.8
5.0
SMBJ70
SMBJ70C
NN
DN
70
77.8
98.6
1.0
125
4.8
5.0
SMBJ70A
SMBJ70CA
NP
DP
70
77.8
89.5
1.0
113
5.3
5.0
SMBJ75
SMBJ75C
NQ
DQ
75
83.0
105.7
1.0
134
4.5
5.0
SMBJ75A
SMBJ75CA
NR
DR
75
83.0
95.8
1.0
121
5.0
5.0
SMBJ78
SMBJ78C
NS
DS
78
86.0
109.8
1.0
139
4.3
5.0
SMBJ78A
SMBJ78CA
NT
DT
78
86.0
99.7
1.0
126
4.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double





 !8"#$%&''(&)*+'&$&,-

Page 4
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ54CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ54CA BYTES-SMBJ54CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ54CA LITTELFUSE-SMBJ54CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Guangdong Juxing Electr...
SMBJ54CA JUXING-SMBJ54CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
MDE Semiconductor, Inc.
SMBJ54CA MDE-SMBJ54CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMBJ54CA WEEN-SMBJ54CA Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results

Similar Description - SMBJ54CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com