Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-103978-1 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 5-103978-1
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103978-1 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 5-103978-1 Datasheet HTML 15Page - Tyco Electronics 5-103978-1 Datasheet HTML 16Page - Tyco Electronics 5-103978-1 Datasheet HTML 17Page - Tyco Electronics 5-103978-1 Datasheet HTML 18Page - Tyco Electronics 5-103978-1 Datasheet HTML 19Page - Tyco Electronics 5-103978-1 Datasheet HTML 20Page - Tyco Electronics 5-103978-1 Datasheet HTML 21Page - Tyco Electronics 5-103978-1 Datasheet HTML 22Page - Tyco Electronics 5-103978-1 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
241
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Coupling Shrouds for MTE Receptacle Assemblies with Guide Ribs (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
AMPMODU Shrouded
Headers Double-Row, Straight
or Right–Angle Post1
Receptacle
Assemblies with Guide
Ribs (Refer to pages
232, 233 & 235)
1
Mating AMPMODU Double-Row Shrouded Headers must have .318 [8.08] mating post length and .150 [3.81] dimension from centerline
1
of last post to inside of end shroud wall.
Double-Row
Material
Black thermoplastic, 94V-0 rated
Double-Row
Coupling Shroud
.735
[18.67]
A
Position No. 1
Identification
No. of
Dimension
Double-Row
Pos.
A
Coupling Shroud
8
.585 [14.86]
103681-1
10
.685 [17.40]
103681-2
12
.785 [19.94]
103681-3
14
.885 [22.48]
103681-4
16
.985 [25.02]
103681-5
18
1.085 [27.56]
104500-1
20
1.185 [30.10]
104500-2
22
1.285 [32.64]
104500-3
24
1.385 [35.18]
104500-4
26
1.485 [37.72]
104500-5
28
1.585 [40.26]
104500-6
30
1.685 [42.80]
104500-7
32
1.785 [45.34]
104500-8
34
1.885 [47.88]
104500-9
40
2.185 [55.50]
1-104500-0
50
2.685 [68.20]
1-104500-1
Typical Application of Double-Row Coupling Shroud and Mating AMPMODU Products
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026


Similar Part No. - 5-103978-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103970-1 MACOM-5-103970-1 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-2 MACOM-5-103970-2 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-3 MACOM-5-103970-3 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-4 MACOM-5-103970-4 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
5-103970-5 MACOM-5-103970-5 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
More results

Similar Description - 5-103978-1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
   100 2.54 CENTERLINE PH SERIES
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com