Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5551 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TK5551
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TK5551 Datasheet HTML 5Page - ATMEL Corporation TK5551 Datasheet HTML 6Page - ATMEL Corporation TK5551 Datasheet HTML 7Page - ATMEL Corporation TK5551 Datasheet HTML 8Page - ATMEL Corporation TK5551 Datasheet HTML 9Page - ATMEL Corporation TK5551 Datasheet HTML 10Page - ATMEL Corporation TK5551 Datasheet HTML 11Page - ATMEL Corporation TK5551 Datasheet HTML 12Page - ATMEL Corporation TK5551 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 294 page
background image
9
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.4.1
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port A output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port A pins that are externally pulled low will source current if the
pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes
active, even if the clock is not running. Port A also serves the functions of various special fea-
tures of the microcontroller.
1.4.2
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port B output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port B pins that are pulled low externally will source current if the
pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes
active, even if the clock is not running. Port B also serves the functions of various special fea-
tures of the microcontroller.
1.4.3
RESET
Device reset
1.4.4
XTAL1 and XTAL2
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be
configured for use as an On-chip oscillator. Either a quartz crystal or a ceramic resonator may
be used.
1.5
Atmel AVR Description
The microcontroller is a low-power CMOS 8-bit microcontroller based on the Atmel
® AVR®
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
microcontroller achieves throughputs approaching 1MIPS per MHz, allowing the system
designer to optimize power consumption versus processing speed.
The Atmel AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two
independent registers to be accessed in a single instruction executed in one clock cycle. The
resulting architecture is more code-efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The microcontroller provides the following features: 16K byte of in-system programmable
Flash, 512bytes EEPROM, 512bytes SRAM, 16 general purpose I/O lines, 32 general purpose
working registers, one 8-bit timer/counter with compare modes, one 8-bit high speed
timer/counter, a universal serial interface, a LIN controller, internal and external interrupts, an
11-channel, 10-bit ADC, a programmable watchdog timer with internal oscillator, and three
software selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, timer/counter, ADC, analog comparator, and interrupt system to continue functioning.
Power-down mode saves the register contents, disabling all chip functions until the next inter-
rupt or hardware reset. To minimize switching noise during ADC conversions, ADC noise
reduction mode stops the CPU and all I/O modules except ADC.


Similar Part No. - TK5551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
TK5551 ATMEL-TK5551 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5551M-PP ATMEL-TK5551M-PP Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
More results

Similar Description - TK5551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com