Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147099-0 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 8-147099-0
Description  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147099-0 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 8-147099-0 Datasheet HTML 56Page - Tyco Electronics 8-147099-0 Datasheet HTML 57Page - Tyco Electronics 8-147099-0 Datasheet HTML 58Page - Tyco Electronics 8-147099-0 Datasheet HTML 59Page - Tyco Electronics 8-147099-0 Datasheet HTML 60Page - Tyco Electronics 8-147099-0 Datasheet HTML 61Page - Tyco Electronics 8-147099-0 Datasheet HTML 62Page - Tyco Electronics 8-147099-0 Datasheet HTML 63Page - Tyco Electronics 8-147099-0 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
240
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Coupling Shrouds for MTE Receptacle Assemblies with Guide Ribs
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Pin Assembly,
Shrouded
Polarized/Latching
(Refer to pages
236 & 237)
Receptacle
Assemblies with Guide
Ribs (Refer to pages
232, 233, 235)
Headers, Polarized/Latching,
Straight and Right Angle Post,
with or without Holddown
(See pages 244-252)
Single-Row
Material
Black thermoplastic, 94V-0 rated
Single-Row
Coupling Shroud
.582
[14.78]
A
.307
[7.80]
Pin Assemblies with Guide
Ribs, Installed in Panel
Mount Pin Shroud (Refer to
pages 238, 239 & 242)
No. of
Dimension
Single-Row
Pos.
A
Coupling Shroud
4
.485 [12.32]
103680-1
5
.585 [14.86]
103680-2
6
.685 [17.40]
103680-3
7
.785 [19.94]
103680-4
8
.885 [22.48]
103680-5
9
.985 [25.02]
103680-6
10
1.085 [27.56]
103680-7
11
1.185 [30.10]
103680-8
12
1.285 [32.64]
103680-9
13
1.385 [35.18]
1-103680-0
14
1.485 [37.72]
1-103680-1
No. of
Dimension
Single-Row
Pos.
A
Coupling Shroud
15
1.585 [40.26]
1-103680-2
16
1.685 [42.80]
1-103680-3
17
1.785 [45.34]
1-103680-4
18
1.885 [47.88]
1-103680-5
19
1.985 [50.42]
1-103680-6
20
2.085 [52.96]
1-103680-7
21
2.185 [55.50]
1-103680-8
22
2.285 [58.04]
1-103680-9
23
2.385 [60.58]
2-103680-0
24
2.485 [63.12]
2-103680-1
25
2.585 [65.66]
2-103680-2
Typical Application of Single-Row Coupling Shroud and Mating AMPMODU MTE Products
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026


Similar Part No. - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Similar Description - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com