Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ200C Datasheet(PDF) 7 Page - Formosa MS

Part # SMCJ200C
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ200C Datasheet(HTML) 7 Page - Formosa MS

Back Button SMCJ200C Datasheet HTML 2Page - Formosa MS SMCJ200C Datasheet HTML 3Page - Formosa MS SMCJ200C Datasheet HTML 4Page - Formosa MS SMCJ200C Datasheet HTML 5Page - Formosa MS SMCJ200C Datasheet HTML 6Page - Formosa MS SMCJ200C Datasheet HTML 7Page - Formosa MS SMCJ200C Datasheet HTML 8Page - Formosa MS SMCJ200C Datasheet HTML 9Page - Formosa MS SMCJ200C Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3A
2#U/*&1D(A
3D
(%$(3<3&1;
%=(1D7<%;

()1DR3
);
1'37
%1(1$
3;
3<3;RE
3*VL
WG9V
W09V
W20V
*&1D(A3D031@
>
I31A
;
=&3*&3(%;
7
*VLI;
1'A
D2
V%;

123BV C
I
P%&'1;X3&1
A
D2
V%;

123
3A
2#-/*&1D(A
3D)=&&3DA
(7A
<3&37
%2&%=D7
&=
*VLY
3<%;

123(33DRE
3&%
3)
37;
%17
A
(;
A
'A

37
%
3);
1'A
D2<%;

123;
3<3;
*&1D(A
3D
V%;

123
I;
1'A
D2
*&1D(A
3D
0&%
3)
37
,%17
*VL
*&1D(A
3D
I=&&3D
W
Z
WXYZW!$%!)
mnoqrstuv
wtxyz{
x
s|wm}~~rwuuzr
id$d)&XW
P&#
%
QR&QS"(&$&"#
!$%
)#
%
""T$U!)V
WXYZWP[
W\
Page 7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ200C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ200C LUGUANG-SMCJ200C Datasheet
334Kb / 4P
   Surface Mount TVS
logo
Shanghai Semitech Semic...
SMCJ200C SEMITECH-SMCJ200C Datasheet
245Kb / 6P
   Low profile package
logo
SUNMATE electronic Co.,...
SMCJ200C SUNMATE-SMCJ200C Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shenzhen Luguang Electr...
SMCJ200CA LUGUANG-SMCJ200CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microdiode Electronics ...
SMCJ200CA CHENDA-SMCJ200CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
More results

Similar Description - SMCJ200C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com