Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376388-4 Datasheet(PDF) 58 Page - Tyco Electronics

Part # 3-1376388-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376388-4 Datasheet(HTML) 58 Page - Tyco Electronics

Back Button 3-1376388-4 Datasheet HTML 54Page - Tyco Electronics 3-1376388-4 Datasheet HTML 55Page - Tyco Electronics 3-1376388-4 Datasheet HTML 56Page - Tyco Electronics 3-1376388-4 Datasheet HTML 57Page - Tyco Electronics 3-1376388-4 Datasheet HTML 58Page - Tyco Electronics 3-1376388-4 Datasheet HTML 59Page - Tyco Electronics 3-1376388-4 Datasheet HTML 60Page - Tyco Electronics 3-1376388-4 Datasheet HTML 61Page - Tyco Electronics 3-1376388-4 Datasheet HTML 62Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
192
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Split pin diameter .086 [2.18]
Stock thickness .012 [.305]
These contacts can be used in either
Universal MATE-N-LOK II Plug or Cap
housings.
Related Product Data
Product Specification
108-1090 Universal MATE-N-LOK II Connectors
Application Specification
114-1043 Universal MATE-N-LOK II Contacts
Performance Characteristics— pages 189-190
Housings— pages 193-194
Technical Documents— pages 189 and 205-206
Application Tooling— pages 207-210
Contact Extraction Tool
(For extracting contacts crimped
on 24 AWG or smaller wire)
Part No. 318851-1
IS 408-4371
Latch Disengaging Tool
Part No. 58382-1
IS 408-9436
Contact Insertion Tool
(For inserting contacts applied to small diameter wire)
Part No. 91002-1
IS 408-7347
Pin
Socket
Grounding Pin
(Mate first, break last, not for interrupting
current)
Solid pin diameter .084 [2.13]
.100 [2.54] longer than standard pin
Stock thickness .012 [.304]
These contacts can be used in either
Universal MATE-N-LOK II Plug or Cap
housings only.
L
L
L
Contact Part Numbers
Wire Size
Ins. Dia.
L Dim.
Pin
Socket
HDM
Hand Tool
Range
Range
Pin
Socket
Material & Finish
Strip
Loose
Strip
Loose
Applicator
Part No.
AWG [mm2]
Form
Piece
Form
Piece
Part No.
30 -26
.032 -.057
1.005
.980
Phos. Brz. Gold1
770011-6
770512-6
770012-6
770416-6
567252-16
58439-1
[.05 -.12]
.813 -1.45
25.53
24.90
567252-46
Brass. Pre-tin
770009-1
770252-1
——
24 -18
.040 -100
1.005
.980
Brass. Duplex2
1-770009-0
1-770252-0
——
567214-16
91510-1
[.2 -.8]
1.02 -2.54
25.53
24.90
Phos. Brz. Pre-tin
——
770010-3
770253-3
567214-26
Phos. Brz. Duplex2
——
1-770010-0 1-770253-0
567214-46
Brass. Pre-tin
770007-1
770250-1
——
.060 -.130
1.005
.980
Brass. Duplex2
1-770007-0
1-770250-0
——
567213-16
91500-1
1.52 -3.30
25.53
24.90
Phos. Brz. Pre-tin
——
770008-3
770251-3
567213-26
20 -14
Phos. Brz. Duplex2
1-770008-0 1-770251-0
567213-46
[.5 -2.0]
Brass. Pre-tin
770005-1
770248-1
——
.130 -.200
.995
.970
Brass. Duplex2
1-770005-0
1-770248-0
——
567212-16
91508-14
3.30 -5.08
25.27
24.63
Phos. Brz. Pre-tin
770005-3
770006-3
770249-3
567212-26
91506-14
Phos. Brz. Duplex2
1-770005-1
1-770006-0 1-770249-0
567212-46
12 -10
.200 max.3
1.005
.980
Phos. Brz. Pre-tin
770003-3
770246-3
770004-3
770247-3
567211-16
567211-26
69710-15
[3.0 -5.0]
5.08
25.53
24.90
Phos. Brz. Duplex2
1-770003-0
1-770246-0
1-770004-0 1-770247-0
567211-46
1
Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact.
2
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area and .000050 [.00127] min. tin in crimp area over .000050 [.00127] min. nickel
underplate on entire contact.
3
There is no insulation barrel on this contact. Insulation maximum diameter is limited by the housing. Use of strain relief is recommended with these contacts.
4
Use Hand Tool No. 91508-1 for 20 – 18 AWG and No. 91506-1 for 16– 14 AWG.
5
Hand Tool No. 69710-1 uses die set No. 58380-1 for 12 AWG and No. 58380-2 for 10 AWG.
6
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K
Machine, -4 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information.
Wire Size
Ins. Dia.
L
Contact Part Numbers
HDM
Hand Tool
Range
Material & Finish
Applicator
AWG [mm2]
Range
Dim.
Strip Form
Loose Piece
Part No.
Part No.
.060 -.130
1.105
Brass. Pre-tin
770193-1
770254-1
567213-13
567213-23
91500-1
20 -14
1.52-3.30
25.53
Brass. Duplex1
1-770193-0
1-770254-0
567213-43
[.5 -2.0]
.130-.200
1.085
Brass. Pre-tin
770194-1
770255-1
567212-13
91508-12
567212-23
91506-12
3.30-5.08
27.56
Brass. Duplex1
1-770194-0
1-770255-0
567212-43
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area and .000050 [.00127] min. tin in crimp area
over .000050 [.00127] min. nickel underplate on entire contact.
2
Use Hand Tool No. 91508-1 for 20 –18 AWG and No. 91506-1 for 16 –14 AWG.
3
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used
on AMP-O-LECTRIC Model K Machine, -4 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for
further information.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com