Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1761616-5 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 7-1761616-5
Description  STEP-Z Interconnection System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1761616-5 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 7-1761616-5 Datasheet HTML 6Page - Tyco Electronics 7-1761616-5 Datasheet HTML 7Page - Tyco Electronics 7-1761616-5 Datasheet HTML 8Page - Tyco Electronics 7-1761616-5 Datasheet HTML 9Page - Tyco Electronics 7-1761616-5 Datasheet HTML 10Page - Tyco Electronics 7-1761616-5 Datasheet HTML 11Page - Tyco Electronics 7-1761616-5 Datasheet HTML 12Page - Tyco Electronics 7-1761616-5 Datasheet HTML 13Page - Tyco Electronics 7-1761616-5 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
22
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Page_Head (Continued)
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
MICTOR Vertical Plugs (Continued)
Dimensions
Platings
Part Numbers
No. of
Solder
Barbed G/B Leads
Pos.
A
BC
D
E
F
Tail
Contact
Tube
1.52 [.060]
SnPb
Gold
767139-1
38
25.40
22.81
11.43
0
2.74 [.108]
PdNi
767140-1
1.000
.898
.450
1.52 [.060]
Pb-free
Gold
5767139-1
2.74 [.108]
PdNi
5767140-1
1.52 [.060]
SnPb
Gold
767139-2
76
38.10
31.70
24.13
1
12.70
2.74 [.108]
PdNi
767140-2
1.500
1.248
.950
.500
1.52 [.060]
Pb-free
Gold
5767139-2
2.74 [.108]
PdNi
5767140-2
1.52 [.060]
SnPb
Gold
767139-3
114
50.80
48.21
36.83
2
25.40
2.74 [.108]
PdNi
767140-3
2.000
1.898
1.450
1.000
1.52 [.060]
Pb-free
Gold
5767139-3
2.74 [.108]
PdNi
5767140-3
1.52 [.060]
SnPb
Gold
767139-4
152
63.50
60.91
49.53
3
38.10
2.74 [.108]
PdNi
767140-4
2.500
2.398
1.950
1.500
1.52 [.060]
Pb-free
Gold
5767139-4
2.74 [.108]
PdNi
5767140-4
1.52 [.060]
SnPb
Gold
767139-5
190
76.20
73.61
62.23
4
50.80
2.74 [.108]
PdNi
767140-5
3.000
2.898
2.450
2.000
1.52 [.060]
Pb-free
Gold
5767139-5
2.74 [.108]
PdNi
5767140-5
1.52 [.060]
SnPb
Gold
767139-6
228
88.90
86.31
74.93
5
63.50
2.74 [.108]
PdNi
767140-6
3.500
3.398
2.950
2.500
1.52 [.060]
Pb-free
Gold
5767139-6
2.74 [.108]
PdNi
5767140-6
1.52 [.060]
SnPb
Gold
767139-7
266
101.60
99.01
87.63
6
76.20
2.74 [.108]
PdNi
767140-7
4.000
3.898
3.450
3.000
1.52 [.060]
Pb-free
Gold
5767139-7
2.74 [.108]
PdNi
5767140-7
9.00 [.354]
Stacking Height (Continued)
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant;
Indicates “5 of 6 compliant” (lead in solderable interface only).


Similar Part No. - 7-1761616-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-171826-0 MACOM-7-171826-0 Datasheet
72Kb / 1P
   POST HEADER ASSY
7-171826-2 MACOM-7-171826-2 Datasheet
72Kb / 1P
   POST HEADER ASSY AMP EI SERIES CONNECTOR
7-171826-2 MACOM-7-171826-2 Datasheet
72Kb / 1P
   POST HEADER ASSY
7-173977-0 MACOM-7-173977-0 Datasheet
54Kb / 1P
   MT REC HOUSING ASSY CAMP CT CONNECTOR 2mm PITCH
7-173977-1 MACOM-7-173977-1 Datasheet
54Kb / 1P
   MT REC HOUSING ASSY CAMP CT CONNECTOR 2mm PITCH
More results

Similar Description - 7-1761616-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com