Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 92 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 92 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 88Page - Tyco Electronics 3-1376391-4 Datasheet HTML 89Page - Tyco Electronics 3-1376391-4 Datasheet HTML 90Page - Tyco Electronics 3-1376391-4 Datasheet HTML 91Page - Tyco Electronics 3-1376391-4 Datasheet HTML 92Page - Tyco Electronics 3-1376391-4 Datasheet HTML 93Page - Tyco Electronics 3-1376391-4 Datasheet HTML 94Page - Tyco Electronics 3-1376391-4 Datasheet HTML 95Page - Tyco Electronics 3-1376391-4 Datasheet HTML 96Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
1445087
20, 33
1445088
20, 38
1445089
20, 39
1445090
20, 40
1445091
20, 41
1445092
20, 42
1445093
20, 30
1445094
20, 31
1445095
20, 32
1445096
20, 33
1445097
20, 38
1445098
20, 39
1445099
20, 40
1445100
20, 41
1445101
20, 42
1565079
50, 211
1565080
50, 211
1565081
51
1565082
51
1565083
52
1565084
52
1565085
51
1565086
51
1565087
52
1565088
52
1586000
122
1586017
122
1586018
122
1586019
122
1586022
121
1586023
121
1586024
121
1586025
121
1586026
121
1586027
121
1586037
123
Part No.
Page
1376385
136, 138, 140
1376386
136, 139, 141
1376387
136, 139, 141
1376388
136-138, 140
1376389
136-138, 140
1376390
136-138, 140
1376391
136-138, 140
1376392
136, 139, 141
1376393
136, 139, 141
1376394
136-139
1376395
136-139
1376396
136-138
1376397
136-138
1376421
136, 138, 140
1376437
140
1376439
140
1376440
140
1376441
140
1376442
140
1376443
140
1376444
140
1445022 19-20, 23, 30-33, 38-42
1445048
19, 26
1445049
19, 25
1445050
20, 30
1445051
20, 31
1445052
20, 32
1445053
20, 33
1445054
20, 38
1445055
20, 39
1445056
20, 40
1445057
20, 41
1445058
20, 42
1445084
20, 30
1445085
20, 31
1445086
20, 32
Part No.
Page
1586038
123
1586039
123
1586040
123
1586041
123
1586042
123
1586043
123
1586044
123
1586101
121
1586102
121
1586103
121
1586104
121
1586105
121
1586106
121
1586305
167
1586314
121
1586315
121
1586316
121
1586317
121
1586359
97
1586359
96
1586362
96
1586362
97
1586404
96
1586489
128-133
1586490
128-133
1586491
128-133
1586492
128-133
1586493
128-133
1586494
128-133
1586495
128-133
1586496
128-133
1586512
153, 161
1586514
153, 161
1586515
154, 161
1586518
153, 161
1586520
153, 161
Part No.
Page
1586522
153, 161
1586524
153, 161
1586525
154, 161
1586526
153, 161
1586528
153, 161
1586529
153, 161
1586530
153, 161
1586532
153, 161
1586534
154, 161
1586536
154, 161
1586539
162
1586544
153, 161
1586546
153, 161
1586585
124
1586586
124
1586587
124
1586588
124
1586627
161
1604210
178
1604254
178
1604256
178
1604941
178
1612334
50, 211
1612335
50, 211
1903486
60, 78
1903487
60, 78
1903720
60 ,66
1939343
60 ,73, 78
1939344
60
2029030
20, 29
2029047
20, 29
2029056
97
2029058
97
2029102
20, 29
2029104
20, 29
Part No.
Page
226
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Part Number Index (Continued)
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com