Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59282 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC59282 Datasheet HTML 6Page - Texas Instruments TLC59282 Datasheet HTML 7Page - Texas Instruments TLC59282 Datasheet HTML 8Page - Texas Instruments TLC59282 Datasheet HTML 9Page - Texas Instruments TLC59282 Datasheet HTML 10Page - Texas Instruments TLC59282 Datasheet HTML 11Page - Texas Instruments TLC59282 Datasheet HTML 12Page - Texas Instruments TLC59282 Datasheet HTML 13Page - Texas Instruments TLC59282 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SIN
OUT0/7/8/15
(1)
OUT1/6/9/14
(1)
OUT2/5/10/13
(1)
OUT3/4/11/12
(1)
ON
OFF
LAT
OutputOn/OffControl
DataLatch(Internal)
SOUT
SCLK
ShiftRegister
LSBData(Internal)
BLANK
ON
OFF
ON
OFF
ON
OFF
t
WH2
T
WH0
T
H1
T
WH1
13
14
15
16
1
2
3
4
5
1
2
3
4
5
6
T
SU0
T
H0
T
WL0
t /t
R0 F0
ShiftRegister
LSB+1Data(Internal)
ShiftRegister
MSBData(Internal)
ShiftRegister
MSB 1Data(Internal)
-
DATA
0A
DATA
0A
DATA
15B
DATA
14B
DATA
13B
DATA
12B
DATA
3B
DATA
2B
DATA
1B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
11C
DATA
1A
DATA
15B
DATA
14B
DATA
13B
DATA
4B
DATA
3B
DATA
2B
DATA
14A
DATA
15A
DATA
15A
DATA
15B
DATA
14B
DATA
13B
DATA
12B
DATA
11B
DATA
3B
DATA
2B
DATA
1B
DATA
0B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
11C
DATA
10C
PreviousOn/OffControlData
LatestOn/Off
Data
Control
T
SU1
t
D0
DATA
0A
DATA
12A
DATA
11A
DATA
10A
DATA
13A
DATA
13A
DATA
12A
DATA
11A
DATA
14A
DATA
2A
DATA
1A
DATA
15B
DATA
3A
DATA
2A
DATA
1A
DATA
0A
DATA
1A
DATA
2A
DATA
12A
DATA
13A
DATA
14A
DATA
0B
DATA
1B
DATA
14B
DATA
15B
DATA
15B
DATA
0B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
13B
DATA
12B
DATA
11B
DATA
10B
DATA
9B
DATA
14B
DATA
13B
DATA
12B
DATA
11B
DATA
10B
DATA
14B
DATA
13B
DATA
12B
DATA
11B
DATA
10B
t
WL2
t
D1
t
D2
t
D3
t
D4
t
D1
t
D2
t
D3
t
D4
ON
ON
ON
ON
OFF
OFF
OFF
OFF
t
OUTON
t
F1
t
R1
TLC59282
SBVS152C
– DECEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
(1) Output on/off data = FFFFh.
(2) tON_ERR = tOUTON – TWL2.
Figure 9. Timing Diagram
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC59282


Similar Part No. - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQ TI1-TLC59282DBQ Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI1-TLC59282DBQR Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGER TI1-TLC59282RGER Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGET TI1-TLC59282RGET Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results

Similar Description - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI1-TLC59282_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Switching Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com