Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3041-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC3041-M
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3041-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3041-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3041-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
June 2005
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
MOC3031M, MOC3032M, MOC3033M, MOC3041M,
MOC3042M, MOC3043M
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
(250/400 Volt Peak)
Features
■ Simplifies logic control of 115 VAC power
■ Zero voltage crossing
■ dv/dt of 2000 V/µs typical, 1000 V/µs guaranteed
■ VDE recognized (File # 94766), ordering option V
(e.g., MOC3043VM)
Applications
■ Solenoid/valve controls
■ Lighting controls
■ Static power switches
■ AC motor drives
■ Temperature controls
■ E.M. contactors
■ AC motor starters
■ Solid state relays
Description
The MOC303XM and MOC304XM devices consist of a AlGaAs
infrared emitting diode optically coupled to a monolithic silicon
detector performing the function of a zero voltage crossing bilat-
eral triac driver.
They are designed for use with a triac in the interface of logic
systems to equipment powered from 115 VAC lines, such as
teletypewriters, CRTs, solid-state relays, industrial controls,
printers, motors, solenoids and consumer appliances, etc.
6
1
6
6
1
1
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT
Schematic


Similar Part No. - MOC3041-M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3041 ETC-MOC3041 Datasheet
84Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3041-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com