Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2809 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2809
Description  Digital Signal Processors
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F2809 Datasheet HTML 7Page - Texas Instruments TMS320F2809 Datasheet HTML 8Page - Texas Instruments TMS320F2809 Datasheet HTML 9Page - Texas Instruments TMS320F2809 Datasheet HTML 10Page - Texas Instruments TMS320F2809 Datasheet HTML 11Page - Texas Instruments TMS320F2809 Datasheet HTML 12Page - Texas Instruments TMS320F2809 Datasheet HTML 13Page - Texas Instruments TMS320F2809 Datasheet HTML 14Page - Texas Instruments TMS320F2809 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
www.ti.com
SPRS230N – OCTOBER 2003 – REVISED MAY 2012
Table 2-1. Hardware Features (100-MHz Devices)
FEATURE
TYPE(1)
F2809
F2808
F2806
F2802
F2801
C2802
C2801
Instruction cycle (at 100 MHz)
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
18K
18K
10K
6K
6K
6K
6K
Single-access RAM (SARAM) (16-bit word)
(L0, L1, M0, M1,
(L0, L1, M0, M1,
(L0, L1, M0, M1)
(L0, M0, M1)
(L0, M0, M1)
(L0, M0, M1)
(L0, M0, M1)
H0)
H0)
3.3-V on-chip flash (16-bit word)
128K
64K
32K
32K
16K
On-chip ROM (16-bit word)
32K
16K
Code security for on-chip flash/SARAM/OTP blocks
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM (4K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
1K
1K
1K
1K
1K
(16-bit word)
PWM outputs
0
ePWM1/2/3/4/5/6
ePWM1/2/3/4/5/6
ePWM1/2/3/4/5/6
ePWM1/2/3
ePWM1/2/3
ePWM1/2/3
ePWM1/2/3
ePWM1A/2A/3A/
ePWM1A/2A/
ePWM1A/2A/
HRPWM channels
0
ePWM1A/2A/3A
ePWM1A/2A/3A
ePWM1A/2A/3A
ePWM1A/2A/3A
4A/5A/6A
3A/4A
3A/4A
32-bit CAPTURE inputs or auxiliary PWM outputs
0
eCAP1/2/3/4
eCAP1/2/3/4
eCAP1/2/3/4
eCAP1/2
eCAP1/2
eCAP1/2
eCAP1/2
32-bit QEP channels (four inputs/channel)
0
eQEP1/2
eQEP1/2
eQEP1/2
eQEP1
eQEP1
eQEP1
eQEP1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit, 16-channel ADC conversion time
1
80 ns
160 ns
160 ns
160 ns
160 ns
160 ns
160 ns
32-Bit CPU timers
3
3
3
3
3
3
3
Serial Peripheral Interface (SPI)
0
SPI-A/B/C/D
SPI-A/B/C/D
SPI-A/B/C/D
SPI-A/B
SPI-A/B
SPI-A/B
SPI-A/B
Serial Communications Interface (SCI)
0
SCI-A/B
SCI-A/B
SCI-A/B
SCI-A
SCI-A
SCI-A
SCI-A
Enhanced Controller Area Network (eCAN)
0
eCAN-A/B
eCAN-A/B
eCAN-A
eCAN-A
eCAN-A
eCAN-A
eCAN-A
Inter-Integrated Circuit (I2C)
0
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
Digital I/O pins (shared)
35
35
35
35
35
35
35
External interrupts
3
3
3
3
3
3
3
Supply voltage
1.8-V Core, 3.3-V I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
100-Pin PZ
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Packaging
100-Ball GGM, ZGM
Yes
Yes
Yes
Yes
Yes
Yes
Yes
A: –40°C to 85°C
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
Temperature options
S: –40°C to 125°C
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
Q: –40°C to 125°C
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
Product status(2)
TMS
TMS
TMS
TMS
TMS
TMS
TMS
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
(2)
See Section 5.1, Device and Development Support Tool Nomenclature, for descriptions of device stages.
Copyright © 2003–2012, Texas Instruments Incorporated
Introduction
11
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com