Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2375 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2375
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2375 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2375 Datasheet HTML 2Page - Texas Instruments TPS2375 Datasheet HTML 3Page - Texas Instruments TPS2375 Datasheet HTML 4Page - Texas Instruments TPS2375 Datasheet HTML 5Page - Texas Instruments TPS2375 Datasheet HTML 6Page - Texas Instruments TPS2375 Datasheet HTML 7Page - Texas Instruments TPS2375 Datasheet HTML 8Page - Texas Instruments TPS2375 Datasheet HTML 9Page - Texas Instruments TPS2375 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Detailed Pin Description
I
(LIM) +
25000
R
(ILIM)
(1)
data sheet
TPS2375
TPS2376
TPS2377
SLVS525B – APRIL 2004 – REVISED APRIL 2008............................................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS
PIN NUMBER
PIN NAME
I/O
DESCRIPTION
TPS2375/77
TPS2376
Connect a resistor from ILIM to VSS to set the start-up inrush current limit.
ILIM
1
1
O
The equation for calculating the resistor is shown in the detailed pin
description section for ILIM.
Connect a resistor from CLASS to VSS to set the classification of the
CLASS
2
2
O
powered device (PD). The IEEE classification levels and corresponding
resistor values are shown in Table 1.
Connect a 24.9-k
Ω detection resistor from DET to VDD for a valid PD
DET
3
3
O
detection.
VSS
4
4
I
Return line on the source side of the TPS2375 from the PSE.
Switched output side return line used as the low-side reference for the
RTN
5
5
O
TPS2375 load.
PG
6
6
O
Open-drain, power-good output; active high.
Used only on the TPS2376. Connect a resistor divider from VDD to VSS to
UVLO
-
7
I
implement the adjustable UVLO feature of the TPS2376.
NC
7
-
No connection
VDD
8
8
I
Positive line from the rectified PSE provided input.
The following descriptions refer to the schematic of Figure 1 and the functional block diagram.
ILIM: A resistor from this pin to VSS sets the inrush current limit per Equation 1:
where ILIM is the desired inrush current value, in amperes, and R(ILIM) is the value of the programming resistor
from ILIM to VSS, in ohms. The practical limits on R(ILIM) are 62.5 kΩ to 500 kΩ. A value of 178 kΩ is
recommended for compatibility with legacy PSEs.
Inrush current limiting prevents current drawn by the bulk capacitor from causing the line voltage to sag below
the lower UVLO threshold. Adjustable inrush current limiting allows the use of arbitrarily large capacitors and also
accommodates legacy systems that require low inrush currents.
The ILIM pin must not be left open or shorted to VSS.
CLASS: Classification is implemented by means of an external resistor, R(CLASS), connected between CLASS
and VSS. The controller draws current from the input line through R(CLASS) when the input voltage lies between
13 V and 21 V. The classification currents specified in the electrical characteristics table include the bias current
flowing into VDD and any RTN leakage current.
Table 1. CLASSIFICATION
CLASS
PD POWER (W)
R(CLASS) (Ω)
802.3af LIMITS (mA)
NOTE
0
0.44 – 12.95
4420 ±1%
0 - 4
Default class
1
0.44 – 3.84
953 ±1%
9 - 12
2
3.84 – 6.49
549 ±1%
17 - 20
3
6.49 – 12.95
357 ±1%
26 - 30
4
-
255 ±1%
36 - 44
Reserved for future use
The CLASS pin must not be shorted to ground.
DET: Connect a resistor, R(DET), between DET and VDD. This resistor should equal 24.9 kΩ, ±1% for most
applications. R(DET) is connected across the input line when V(VDD) lies between 1.4 V and 11.3 V, and is
disconnected when the line voltage exceeds this range to conserve power. This voltage range has been chosen
to allow detection with two silicon rectifiers between the controller and the RJ-45 connector.
VSS: This is the input supply negative rail that serves as a local ground to the TPS2375.
6
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2375 TPS2376 TPS2377


Similar Part No. - TPS2375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2375 TI-TPS2375 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI-TPS2375-1 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Similar Description - TPS2375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com