Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2377 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2377
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2377 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2377 Datasheet HTML 6Page - Texas Instruments TPS2377 Datasheet HTML 7Page - Texas Instruments TPS2377 Datasheet HTML 8Page - Texas Instruments TPS2377 Datasheet HTML 9Page - Texas Instruments TPS2377 Datasheet HTML 10Page - Texas Instruments TPS2377 Datasheet HTML 11Page - Texas Instruments TPS2377 Datasheet HTML 12Page - Texas Instruments TPS2377 Datasheet HTML 13Page - Texas Instruments TPS2377 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
APPLICATION INFORMATION
OVERVIEW
Normal Operation
57
42
36
30
20.5
14.5
10.1
2.7
Detect
Classify
Shut -
down
PI Voltage (V)
0
INTERNAL THRESHOLDS
data sheet
TPS2375
TPS2376
TPS2377
SLVS525B – APRIL 2004 – REVISED APRIL 2008............................................................................................................................................................ www.ti.com
The IEEE 802.3af specification defines a process for safely powering a PD over a cable, and then removing
power if a PD is disconnected. The process proceeds through three operational states: detection, classification,
and operation. The intent behind the process is to leave an unterminated cable unpowered while the PSE
periodically checks for a plugged-in device; this is referred to as detection. The low power levels used during
detection are unlikely to cause damage to devices not designed for PoE. If a valid PD signature is present, then
the PSE may optionally inquire how much power the PD requires; this is referred to as classification. The PD
may return a default full-power signature, or one of four other choices. Knowing the power demand of each PD
allows the PSE to intelligently allocate power between PDs, and also to protect itself against overload. The PSE
powers up a valid PD, and then monitors its output for overloads. The maintain power signature (MPS) is
presented by the powered PD to assure the PSE that it is there. The PSE monitors its output for the MPS to see
if the PD is removed, and turns the port off, if it loses the MPS. Loss of MPS returns the PSE to the initial state of
detection. Figure 18 shows the operational states as a function of PD input voltage range.
The PD input is typically an RJ-45 (8-pin) connector, referred to as the power interface (PI). PD input
requirements differ from PSE output requirements to account for voltage drops in the cable and margin. The
specification uses a cable resistance of 20
Ω to derive the voltage limits at the PD from the PSE output
requirements. Although the standard specifies an output power of 15.4 W at the PSE output, there is only
12.95 W available at the input of the PD due to the worst case power loss in the cable.
The PSE can apply voltage either between the RX and TX pairs, or between the two spare pairs as shown in
Figure 1. The applied voltage can be of either polarity. The PSE cannot apply voltage to both paths at the same
time. The PD uses input diode bridges to accept power from any of the possible PSE configurations. The voltage
drops associated with the input bridges cause a difference between the IEEE 802.3af limits at the PI and the
TPS2375 specifications.
The PSE is required to current limit between 350 mA and 400 mA during normal operation, and it must
disconnect the PD if it draws this current for more than 75 ms. The PSE may set lower output current limits
based on the PD advertised power requirements, as discussed below.
The following discussion is intended as an aid in understanding the operation of the TPS2375, but not as a
substitute for the actual IEEE 802.3af standard. Standards change and should always be referenced when
making design decisions.
Figure 18. IEEE 802.3 PD Limits
In order to implement the PoE functionality as shown in Figure 18, the TPS2375 has a number of internal
comparators with hysteresis for stable switching between the various states. Figure 19 relates the parameters in
the Electrical Characteristics section to the PoE states. The mode labeled idle between classification and
detection implies that the DET, CLASS, PG, and RTN pins are all high impedance.
10
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2375 TPS2376 TPS2377


Similar Part No. - TPS2377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377 TI-TPS2377 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377 TI-TPS2377 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2377 TI-TPS2377 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377-1 TI-TPS2377-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377-1 TI-TPS2377-1 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Similar Description - TPS2377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com