Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3306-15D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3306-15D
Description  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-15D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3306-15D Datasheet HTML 4Page - Texas Instruments TPS3306-15D Datasheet HTML 5Page - Texas Instruments TPS3306-15D Datasheet HTML 6Page - Texas Instruments TPS3306-15D Datasheet HTML 7Page - Texas Instruments TPS3306-15D Datasheet HTML 8Page - Texas Instruments TPS3306-15D Datasheet HTML 9Page - Texas Instruments TPS3306-15D Datasheet HTML 10Page - Texas Instruments TPS3306-15D Datasheet HTML 11Page - Texas Instruments TPS3306-15D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
TYPICAL CHARACTERISTICS
4
0
−6
−10
−0.5 0 0.5 1
2.5 3 3.5
8
14
18
4
5
6
7
16
12
10
6
2
−2
−4
−8
1.5 2
4.5
5.5
6.5
VDD − Supply Voltage − V
SENSEn = VDD
TA = 25°C
TPS3306−33
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
1.005
60
85
VDD = 6 V
1.004
1.001
0.998
0.996
TA − Free-Air Temperature − °C
TPS3306-15
TPS3306-18, TPS3306-20
TPS3306-25, TPS3306-33
SLVS290C – APRIL 2000 – REVISED DECEMBER 2006
at V
DD = 2.7 V to 6 V, RL= 1 MΩ, CL= 50 pF, TA= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSEn
VSENSEnL = VIT– 0.2 V, VSENSEnH = VIT + 0.2 V
6
µs
tw
Pulse width
WDI
VIH = 0.7 × VDD, VIL= 0.3 × VDD
100
ns
at V
DD = 2.7 V to 6 V, RL= 1 MΩ, CL = 50 pF, TA= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(SENSEn) ≥ VIT + 0.2 V,
tt(out)
Watchdog time-out
0.5
0.8
1.2
s
See Timing Diagram
VI(SENSEn) ≥ VIT + 0.2 V,
td
Delay time
70
100
140
ms
See Timing Diagram
Propagation (delay) time,
tPHL
SENSEn to RESET
VIH = VIT + 0.2 V, VIL = VIT– 0.2 V
1
5
µs
high-to-low level output
Propagation (delay) time,
tPHL
high-to-low level output
PFI to PFO
0.5
1
µs
Propagation (delay) time,
tPLH
low-to-high level output
NORMALIZED SENSE THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE AT VDD
SUPPLY VOLTAGE
Figure 2.
Figure 3.
8
Submit Documentation Feedback


Similar Part No. - TPS3306-15D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15D TI-TPS3306-15D Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15D TI1-TPS3306-15D Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DG4 TI1-TPS3306-15DG4 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGK TI-TPS3306-15DGK Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGK TI1-TPS3306-15DGK Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3306-15D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com