Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3051V-M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MOC3051V-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3051V-M Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MOC3051V-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 9Page - Fairchild Semiconductor MOC3051V-M Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/15/05
Page 6 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
t(delay), t(f) versus IFT
The triac driver’s turn on switching speed consists of a turn on
delay time t(d) and a fall time t(f). Figure 9 shows that the delay
time depends on the LED trigger current, while the actual
trigger transition time t(f) stays constant with about one micro
second.
The delay time is important in very short pulsed operation
because it demands a higher trigger current at very short
trigger pulses. This dependency is shown in the graph IFT
versus LED PW.
The turn on transition time t(f) combined with the power triac’s
turn on time is important to the power dissipation of this
device.
1. The mercury wetted relay provides a high speed repeated
pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst-case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt to
be gradually increased until the D.U.T. continues to trigger
in response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased
until the D.U.T. stops triggering.
τRC is measured at this
point and recorded.
SCOPE
IFT
VTM
t(d)
t(f)
ZERO CROSS
DETECTOR
EXT. SYNC
Vout
FUNCTION
GENERATOR
PHASE CTRL.
PW CTRL.
PERIOD CTRL.
Vo AMPL. CTRL.
IFT
VTM
10 k
DUT
100
ISOL. TRANSF.
AC
115 VAC
Figure 9. Delay Time, t(d), and Fall Time, t(f),
vs. LED Trigger Current
IFT, LED TRIGGER CURRENT (mA)
100
0.1
10
20
30
40
50
60
10
1
t(f)
t(d)
Figure 10. Static dv/dt Test Circuit
+400
Vdc
PULSE
INPUT
RTEST
CTEST
R = 1 k
MERCURY
WETTED
RELAY
D.U.T.
X100
SCOPE
PROBE
APPLIED VOLTAGE
WAVEFORM
Vmax = 400 V
dv/dt =
0.63 V
τRC
2
τ
=
τRC
252 V
0 VOLTS


Similar Part No. - MOC3051V-M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3051VM ONSEMI-MOC3051VM Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051VM ONSEMI-MOC3051VM Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
More results

Similar Description - MOC3051V-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com