Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410465-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1410465-1
Description  2-Piece Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410465-1 Datasheet(HTML) 4 Page - Tyco Electronics

  1410465-1 Datasheet HTML 1Page - Tyco Electronics 1410465-1 Datasheet HTML 2Page - Tyco Electronics 1410465-1 Datasheet HTML 3Page - Tyco Electronics 1410465-1 Datasheet HTML 4Page - Tyco Electronics 1410465-1 Datasheet HTML 5Page - Tyco Electronics 1410465-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Application: Cable Power
MULTI-BEAM XLE Cable Receptacles
X, Y, Z float mount, blind-mate
connectors for drawer type applications
Allows more angular misalignment than
the original MULTI-BEAM XL connector
Modular design to meet any
application
Hot-Pluggable
Panel Mount, Slide-to-Lock and
Squeeze-to-Release configurations are
available
CABLE POWER
Products
Wire Size
Current Rating
Specialty
MULTI-BEAM XLE
26-8 AWG
up to 50 Amps
Low, high power options in
same connector
ET POWER
14-10 AWG
up to 35 Amps
Low profile
RAPID LOCK
12-0 AWG
50-250 Amps
BusBar Quick Connect/
Disconnect
High Current Universal
MATE-N-LOK
30-10 AWG
up to 35 Amps
Panel mount or
free hanging versions
AMP Power Series
300MCM-0 AWG
15-275 Amps
Single & 2 pole
Quick Connect/Disconnect
Wave Crimp
Flat Cable
40-110 Amps
Flat
AMPOWER Wave Crimp System
Flat cable, dissipates heat better than
round wire
Termination of flat cable requires
no stripping. Provides a reliable low
resistance, gas tight interface
Lower operating temperature than
standard round/discrete wires
Easily formed into shape, without
cable ties
Lower cost than laminated bus bars
AMP Power Series Connectors
Single pole and 2-pole connector
housings, crimp snap-in contacts, and
accessories
Rugged contact design
Open barrel contacts 6-20AWG on
reels for automatic and semiautomatic
machine termination
Compatible with industry alternate
standard versions
te.com/products/multibeamxle
te.com/products/amppowerseries
te.com/products/wavecrimp
High Current Universal MATE-N-LOK II
Connectors
Available in 2-15 circuit sizes for free
hanging, panel mount, or wire-to-board
connection
Louvertac band and screw machined
contacts provide very high current with
low contact resistance
No extraction tools required/economical
Pin and sockets can be intermixed in
the same housing
RAPID LOCK Bus Bar Connectors
Locking feature retains each contact to
mating pin
No installation tools required
Fast, reliable replacement for power
lugs
Up to 250 Amps per contact; very low
contact resistance
ET Power Connector
Up to 35Amps per contact
End-to-end stackability
Low profile, less than 8 mm above PCB
Cable-to-PCB applications
Positive latch retention
Right angle and vertical mounts
te.com/products/universalmatenlok
te.com/products/etpower
te.com/products/rapidlock


Similar Part No. - 1410465-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410465-1 MACOM-1410465-1 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1410465-1 MACOM-1410465-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1410465-1 MACOM-1410465-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1410465-1 MACOM-1410465-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 1410465-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
AVX Corporation
709159001401006 AVX-709159001401006 Datasheet
683Kb / 7P
   Single 2 Piece Contacts: BTB
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
UMPCO, Inc.
NAS1677 UMPCO-NAS1677 Datasheet
108Kb / 2P
   STRAP, RETAINING- CUSHIONED, RECTANGULAR, 2 PIECE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com